Electronic Components Datasheet Search
  English  ▼

X  

F2403XT Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # F2403XT
Description  1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

F2403XT Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  F2403XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd F2403XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd F2403XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
F-XT
F-XT&
&
E-XT
E-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
(%.Typ.)
Voltage(VDC)
Voltage
(VDC)
Current(mA)
Nominal
Range
Max.
F0503XT
5
4.5-5.5
3.3
260
81
F0505XT
5
4.5-5.5
5
200
83
F0512XT
5
4.5-5.5
12
84
74
F0515XT
5
4.5-5.5
15
67
76
E0505XT
5
4.5-5.5
±5
±100
81
E0512XT
5
4.5-5.5
±12
±42
85
E0515XT
5
4.5-5.5
±15
±34
83
F1203XT
12
10.8-13.2
3.3
260
86
F1205XT
12
10.8-13.2
5
200
85
F1212XT
12
10.8-13.2
12
84
74
F1215XT
12
10.8-13.2
15
67
78
E1205XT
12
10.8-13.2
±5
±100
80
E1212XT
12
10.8-13.2
±12
±42
80
E1215XT
12
10.8-13.2
±15
±34
85
F2403XT
24
21.6-26.4
3.3
260
81
F2405XT
24
21.6-26.4
5
200
85
F2412XT
24
21.6-26.4
12
84
83
F2415XT
24
21.6-26.4
15
67
86
E2405XT
24
21.6-26.4
±5
±100
85
E2412XT
24
21.6-26.4
±12
±42
74
E2415XT
24
21.6-26.4
±15
±34
78
Case material:non-conductive plastic(UL 91V-0 rated)
Weight: 2.0g (0.07oz)
MODEL
MODEL SELECTION
SELECTION
F(E)
F(E)
①05
05
②05
05
③X
X
④ T
T
⑤
①
Product Series
②
Input Voltage
③
Output Voltage
④
Fixed Input
⑤
SMD Package
MICRODC R ESERVES THE COPYRIGHT
1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
◆
Fixed Input Range
◆
Short Circuit Protection(automatic recovery)
◆
I/O isolation voltage 3000VDC
◆
Operating Temperature: -40℃~﹢85℃
◆
High efficiency up to 80%
◆
High accuracy of pin co-planarity
◆
Small SMD package with footprint
◆
Available in tape and reel package
◆
Single and dual output models
◆
Excellent load and line regulation
APPLICATIONS
APPLICATIONS
The
F(E)-XT
series
are
miniature,1W
DC/DC
converters with high isolation in a SMD package.With a
new package design these converters are qualified for the
higher temperatures requested by lead-free reflow solder
processes.With the small footprint,these converters are the
ideal solution for board level power distribution,mainly for
applications in the industrial and telecom field. For
automated SMD production lines the devices can be
supplied in standard tape and reel package.
Input
Input Specifications
Specifications
Parameter
Conditions
Max.
Input current at full load
5 Vin models:
30mA/260mA typ.
12Vin models:
15mA/110mA typ.
24Vin models:
8mA/55mA typ.
Surge voltage
(1sec. max.)
5 Vin models:
9V max.
12 Vin models:
18V max.
24 Vin models:
30V max.
Reverse voltage protection
0.3A max.
Input filter
internal capacitor


Similar Part No. - F2403XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
F2403XMD-1W MICRODC-F2403XMD-1W Datasheet
1,020Kb / 2P
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F2403XMD-1W MICRODC-F2403XMD-1W Datasheet
680Kb / 2P
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
More results

Similar Description - F2403XT

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1D14C GAPTEC-1D14C Datasheet
1Mb / 4P
1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7A GAPTEC-1S7A Datasheet
1Mb / 4P
1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7AE-1U GAPTEC-1S7AE-1U Datasheet
852Kb / 6P
1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6U GAPTEC-1S7B-6U Datasheet
650Kb / 3P
1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T12A GAPTEC-1T12A Datasheet
746Kb / 3P
1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com