Electronic Components Datasheet Search
  English  ▼

X  

F2403XT Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # F2403XT
Description  1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

F2403XT Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  F2403XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd F2403XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd F2403XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
F-XT
F-XT&
&
E-XT
E-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS &
&
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
SOLDER
SOLDER PAD
PAD DIMENSION
DIMENSION
Dimensions in [mm], () = Inch
Pin pitch tolerances: ±0.13 (±0.005)
Other tolerances: ±0.25 (±0.01)
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
Pin
Single
Dual
1
-Vin(GND)
-Vin(GND)
2
+Vin
+Vin
3
No con.
No con.
5
-Vout
Common
6
No con.
-Vout
7
No con.
No con.
8
+Vout
+Vout
10
No con.
No con.
11
No con.
No con.
12
No con.
No con.
No con.=Pin to be isolated from circuitry
Specifcations can be changed any time without notice.
No parallel connection or plug and play.
Note:
1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.
5. Only typical models listed, other models may be different, please contact our technical person for more details.
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
Note:
Unit:mm[inch]
Pin section tolerances:±0.10mm[±0.004inch]
General tolerances:±0.25mm[±0.010inch]
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
Unless otherwise stated all dimensions in mm±0.5 (inches ±0.02).
Tube length : 475±2.0 (18.70±0.07).
Tube Quantity :25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com