Electronic Components Datasheet Search
  English  ▼

X  

RHIO232 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RHIO232
Description  Remote I/O Manager
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RHIO232 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RHIO232 Datasheet HTML 1Page - List of Unclassifed Manufacturers RHIO232 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Remote I/O Manager,
RHIO232
Serial Interface
- RS232 with RJ45 connector
·
Baud rate : 9,600 bps
·
Flow control : None
·
Data : 8 bit
·
Stop : 1bit
Digital Input
- Number of channels : 12
- Input type : Voltage
- Input circuitry : Optically isolated photo-
coupler
- Input range : 0V ~ ±24V
OFF : 0V ~ ±1.2V
ON : ±3.3V ~ ±24V
- Sampling rate : 20ms
- Isolation voltage : 5KV
Digital Output
- Number of channels : 10
- Output type : Relay
- Rated load : 3A/240VAC
- Insulation resistance : 1000Min(DC500V)
- Electrical life expectancy : 100,000 operations
Analog Input
- Number of channels : 4
- Effective resolution : 10-bit
- Input type : Voltage, Direct coupling
- Input range : 0V ~ Aref (Analog reference
voltage, 2~5V)
- Sampling rate : 1000 samples/sec
Management
- Rhio Manager Windows Utility
Software Support
- Windows MFC DLL library
- I/O configuration, I/O status monitoring/control
Diagnostic LED
- Power, Link, Act
- Digital Output, 1~10
- Digital Input, 1~12
- Analog Input, 1~4
Power
- 9V ~ 48VDC, Max. 5W
Environmental
- Operating temperature :
0˚C to 50˚C
- Storage temperature :
-20˚C to 66˚C
- Humidity :
90% Non-condensing
Physical properties
- Dimension (L x W x H)
137 x 111 x 58 (mm)
5.4 x 4.4 x 2.3 (in.)
- Weight : 730g
Certification
- FCC, CE, MIC
Warranty
- 5-year limited warranty
Rhio232
RHIO232 Serial I/O Manager
Includes
- Quick Start Guide
- CAT5 Cable
- RJ-45 - DB9 Female Straight Cable Adapter
- DIN-rail Mount Bracket
- CD-ROM
Ordering Information
Panel Layout
Terminal Block for Analog/Digital Inputs
Indicator Lamps
for I/O
Power Input
Terminal Block for Digital Outputs
Indicators for Power/RS232
RS232 Interface



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com