Electronic Components Datasheet Search
  English  ▼

X  

RHIO232 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RHIO232
Description  Remote I/O Manager
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RHIO232 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RHIO232 Datasheet HTML 1Page - List of Unclassifed Manufacturers RHIO232 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Remote I/O Manager,
RHIO232
- RS232 serial connection with Device Servers
- 12 optically isolated digital inputs (0 ~ 24V)
- 10 digital relay outputs, Max. 220V level
- 4 channel 10-bit resolution analog inputs for basic data
acquisition
- Basic programmable logic output functions such as AND,
OR, NOT and Delay
- Supports both wall and DIN-Rail style mounting
- Management using easy-to-use Windows utility
- Windows DLL support for the easier integration with user
program
The Rhio232, is a Serial I/OManager enables Device Servers to control
and monitor I/O devices. It is designed to connect to the Device Servers
through RS232 interface of them.
The Rhio232 provides 12 optically isolated digital inputs (0 ~ 24V), 10 digital
relay outputs ofmax. 220V level, 4 channel 10-bit resolution analog inputs for
basic data acquisition. The digital output operation can be set up with basic
programmable logic such as AND,OR, NOT and delay function. The analog
inputs are configured either as alarmdetection using thresholdmechanismor
general data acquisition. The input systemoperates in event-drivenmode that
allows the unit to send data based on change-of-state or alarmconditions.
All the inputs and outputs are protected fromdamage under power on/off
conditions .
Usersmay configure the Rhio232 by using easy-to-useWindows-based utility
software or by using telnet or serial console. The RhioManager,Windows
utility also enables users to performthe basic I/O control andmonitoring
for test purpose. Usersmay easily write their own application programto
communicate with Rhio232 with the help of freeMFC libraries forWindows.
Typical application areas include :
- Remote Data Acquisition Systems
- Remote Data Acquisition
- Remote Distributed I/O Systems
- Automated Machine Monitoring
- Industrial Instrumentation
- Discrete Control
- Distributed Data Acquisition System
Features
Windows Utility, Rhio manager


Similar Part No. - RHIO232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RHIO10 ETC-RHIO10 Datasheet
636Kb / 2P
Remote I/O Manager
More results

Similar Description - RHIO232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RHIO10 ETC-RHIO10 Datasheet
636Kb / 2P
Remote I/O Manager
logo
Moxa Inc.
4000 MOXA-4000 Datasheet
350Kb / 6P
Remote I/O modules
logo
M-System Co.,Ltd.
R1M-P4 MSYSTEM-R1M-P4 Datasheet
263Kb / 7P
Remote I/O R1M Series CONTACT I/O MODULE
R7F4HML3-D-DAC32A MSYSTEM-R7F4HML3-D-DAC32A Datasheet
273Kb / 8P
Remote I/O R7F4H Series MECHATROLINK I/O MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7G4FML3-6-DC16A MSYSTEM-R7G4FML3-6-DC16A Datasheet
215Kb / 6P
Remote I/O R7G4F Series MECHATROLINK I/O MODULE
R7G4HML3-6-LC2 MSYSTEM-R7G4HML3-6-LC2 Datasheet
250Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7I4DECT-1-SVSF8N MSYSTEM-R7I4DECT-1-SVSF8N Datasheet
269Kb / 6P
Remote I/O R7I4D Series EtherCAT I/O MODULE
R7K4FML-6-DCA32A MSYSTEM-R7K4FML-6-DCA32A Datasheet
276Kb / 8P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4JML3-E-DAFC64A MSYSTEM-R7K4JML3-E-DAFC64A Datasheet
507Kb / 9P
Remote I/O R7K4J Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com