Electronic Components Datasheet Search
  English  ▼

X  

SK30USB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SK30USB
Description  3 Outlet, Direct Plug-In, 540 Joules, 2.1 amp USB charger - Protect It! Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SK30USB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SK30USB Datasheet HTML 1Page - List of Unclassifed Manufacturers SK30USB Datasheet HTML 2Page - List of Unclassifed Manufacturers SK30USB Datasheet HTML 3Page - List of Unclassifed Manufacturers SK30USB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Outlet Type
NEMA 5-15P
USB Charging Ports
Yes
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V
Input connection type
NEMA 5-15P input plug
Input plug features
120V, 15A
Input cord length details
Direct Plug-In
Voltage compatibility (VAC)
120
SURGE / NOISE SUPPRESSION
AC suppression joule rating
540
AC suppression response time
< 1ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line suppression
Clamping voltage (RMS)
500
AC suppression surge current rating
27,000
UL1449 let through rating
500, 400, 500
Immunity
Conforms to IEE 587/ANSI C62.41
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Material of construction
Plastic
Integrated keyhole mounting tabs
Direct plug-in suppressor mounts directly to a wall receptacle
Housing Color
Black
Receptacle Color
Black
Style
Direct plug-in
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3rd Edition
Approvals
RoHS
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com