Electronic Components Datasheet Search
  English  ▼

X  

SK30USB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SK30USB
Description  3 Outlet, Direct Plug-In, 540 Joules, 2.1 amp USB charger - Protect It! Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SK30USB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SK30USB Datasheet HTML 1Page - List of Unclassifed Manufacturers SK30USB Datasheet HTML 2Page - List of Unclassifed Manufacturers SK30USB Datasheet HTML 3Page - List of Unclassifed Manufacturers SK30USB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3 Outlet, Direct Plug-In, 540 Joules, 2.1 amp USB
charger - Protect It! Surge Suppressor
MODEL NUMBER: SK30USB
Description
The SK30USB surge suppressor offers reliable surge and line noise protection. The compact direct plug-in design allows for easy portability and features 3
outlets and 540 joules of surge energy absorption. Diagnostic LED alerts you to potential wiring or protection faults before connected equipment is damaged.
2.1 amp USB charging ports offer fast charging for smartphones, tablets, MP3 players and other portable devices. $5,000 Ultimate Lifetime Insurance (USA &
Canada only).
Features
3 outlets / direct plug-in
Surge suppression rating: 540 joules
2.1 amp USB Charger
EMI/RFI noise filtering
Diagnostic LED indicates Protected (green)
$5,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
OVERVIEW
Intended Application
Home/Office
OUTPUT
Frequency compatibility
60 Hz
Output watts
1800
Circuit Breaker (amps)
15
Outlet quantity / type
3 NEMA 5-15P
Highlights
3 outlets/direct plug-in
540 joule rating
2.1 amp USB charging
Diagnostic LED
$5,000 Ultimate Lifetime
Insurance (USA & Canada only)
Applications
Ideal for any desktop, network or
home computing application
requiring AC protection
Dual port USB charging ports for
smarphones, tablets, MP3
Players and other portable
devices
Package Includes
SK30USB surge suppressor
1 / 3


Similar Part No. - SK30USB

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SK30 ARCH-SK30 Datasheet
170Kb / 3P
Encapsulated DC-DC Converter
SK30-48-1.8S ARCH-SK30-48-1.8S Datasheet
170Kb / 3P
Encapsulated DC-DC Converter
SK30-48-1.8S ARCH-SK30-48-1.8S Datasheet
267Kb / 3P
Power Module for PCB Mountable
SK30-48-12S ARCH-SK30-48-12S Datasheet
170Kb / 3P
Encapsulated DC-DC Converter
SK30-48-12S ARCH-SK30-48-12S Datasheet
267Kb / 3P
Power Module for PCB Mountable
More results

Similar Description - SK30USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
SK6-6 ETC2-SK6-6 Datasheet
484Kb / 4P
8-Outlet, Protect It! Surge Suppressor
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
SK120USB ETC2-SK120USB Datasheet
529Kb / 4P
3 Outlet, Direct Plug-In, 540 Joules, 2.1 amp USB charger - Protect It! Surge Suppressor
TLP606USB ETC2-TLP606USB Datasheet
523Kb / 4P
6-outlet, 6-ft cord, 990 joules, 2 port USB chargers 2.1 amp total, strip - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
TLP74RB TRIPPLITE-TLP74RB Datasheet
102Kb / 3P
7 outlet black strip, 540 joules Protect It! Surge Suppressor
SK3-0 TRIPPLITE-SK3-0 Datasheet
162Kb / 3P
Protect It! 3-Outlet Surge Protector, Direct Plug-In, 660 Joules, 2 Diagnostic LEDs
SK6-0 TRIPPLITE-SK6-0 Datasheet
166Kb / 3P
Protect It! 6-Outlet Low-Profile Surge Protector, Direct Plug-In, 540 Joules, Diagnostic LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com