Electronic Components Datasheet Search
  English  ▼

X  

R877 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R877
Description  PHOTOMULTlPLlER TUBES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R877 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R877 Datasheet HTML 1Page - Hamamatsu Corporation R877 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1999 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
PHOTOMULTlPLlER TUBES
For Scintillation Counting, 127mm(5 Inch) Diameter
Bialkali Photocathode, 10-Stage, Head-On Type
GENERAL
MAXIMUM RATINGS (Absolute Maximum Values)
Parameter
Parameter
Value
Description/Value
Unit
Spectral Response
300 to 650
nm
Wavelength of Maximum Response
420
nm
Photocathode
MateriaI
MateriaI
Bialkali
Structure
Number of Stages
10
Minimum Effective Area
R877
R877 01
111
mm dia.
pF
pF
Window
Borosilicate glass
Dynode
SuitabIe Socket
Base
14 pin base JEDEC No. B14 38
Direct Interelectrode
Capacitances
Anode to Last Dynode
Anode to All Other Electrodes
6
7
Supply Voltage
Between Anode and Cathode
Between Anode and Last Dynode
1500
Avarage Anode Current
Ambient Temperature
0.1
-30 to +50
300
Unit
Vdc
Vdc
mA
°C
K free Borosilicate glass
Box and Grid
E678 14A(option)
R877, R877-01
CHARACTERISTlCS (at 25
°C)
Parameter
Max.
Typ.
Min.
Cathode
Sensitivity
Gain
Anode Dark Current (after 30min. storage in darkness)
Radiant at 420nm
Blue (CS 5 58 filter)
41 0 4
A/W
A/lm
A/lm b
A/W
Anode Pulse Rise Time
10
ns
nA
Electron Transit Time
80
80
10
60
20
40
Time Response
Electrodes
K
Dy1
Dy2
Dy3
Dy4
Dy5
Dy6
Dy7
Dy8
Dy9
Dy10
G
P
Ratio
1
1
1
1
1
1
1
1
1
1
1
1
Anode characteristics are measured with the voItage distribution ratio shown below.
SuppIy Voltage : 1250Vdc,
K : Cathode,
Dy : Dynode,
P : Anode,
G:Grid
NOTE:
Anode Sensitivity
90
10
50
Unit
mA/W
VOLTAGE DlSTRlBUTlON RATlO AND SUPPLY VOLTAGE
ns
5.0
10 5
Luminous (2856K)
Radiant at 420nm
Luminous (2856K)


Similar Part No. - R877

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R877 HAMAMATSU-R877_15 Datasheet
51Kb / 2P
For Scintillation Counting, 127 mm (5 Inch) Diameter Bialkali Photocathode, 10-Stage, Head-on Type
More results

Similar Description - R877

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1527 HAMAMATSU-R1527 Datasheet
84Kb / 4P
PHOTOMULTlPLlER TUBES
R2693 HAMAMATSU-R2693 Datasheet
68Kb / 4P
PHOTOMULTlPLlER TUBES
R3310-02 HAMAMATSU-R3310-02 Datasheet
85Kb / 4P
PHOTOMULTlPLlER TUBES
R3788 HAMAMATSU-R3788 Datasheet
73Kb / 4P
PHOTOMULTlPLlER TUBES
R4220 HAMAMATSU-R4220 Datasheet
75Kb / 4P
PHOTOMULTlPLlER TUBES
R464 HAMAMATSU-R464 Datasheet
35Kb / 2P
PHOTOMULTlPLlER TUBES
R632 HAMAMATSU-R632 Datasheet
27Kb / 2P
PHOTOMULTlPLlER TUBES
R980 HAMAMATSU-R980 Datasheet
66Kb / 2P
PHOTOMULTlPLlER TUBES
R7446 HAMAMATSU-R7446 Datasheet
70Kb / 4P
PHOTOMULTlPLlER TUBES
R7447 HAMAMATSU-R7447 Datasheet
68Kb / 4P
PHOTOMULTlPLlER TUBES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com