Electronic Components Datasheet Search
  English  ▼

X  

R877 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R877
Description  PHOTOMULTlPLlER TUBES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R877 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R877 Datasheet HTML 1Page - Hamamatsu Corporation R877 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: 44(20)8-367-3560, Fax: 44(20)8-367-6384
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741
HOMEPAGE URL http://www.hamamatsu.com
PHOTOMULTlPLlER TUBES R877, R877–01
Figure 1: Typical Spectral Response
Figure 2: Dimenisonal Outline and Basing Diagram (Unit: mm)
BOTTOM VIEW
(BASING DIAGRAM)
Socket (Option)
(E678 – 14A)
TPMHB0020EA
200
800
600
400
0.01
0.1
1
10
100
WAVELENGTH (nm)
CATHODE
RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
TPMHA0074EB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DY1
DY2
IC
DY4
DY5
DY6
DY7
DY8
DY9
DY10
19.8
62
56
P
DY3
G
K
FACEPLATE
PHOTO-
CATHODE
14 PIN BASE
JEDEC
No. B14-38
TACCA0044EB
133.0 1.5
111MIN.
53.5MAX.
56.5 0.5
TPMH1112E03
DEC. 1999



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com