Electronic Components Datasheet Search
  English  ▼

X  

LD7111 Datasheet(PDF) 4 Page - NEC

Part # LD7111
Description  17 GHz BAND, 1.7 kW, HIGH EFICIENCY, HIGH POWER GAIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7111 Datasheet(HTML) 4 Page - NEC

  LD7111 Datasheet HTML 1Page - NEC LD7111 Datasheet HTML 2Page - NEC LD7111 Datasheet HTML 3Page - NEC LD7111 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LD7111 SERIES
LD7111 SERIES OUTLINE (Unit in mm)
5.8
± 0.1
234.7
± 0.5
(260)
(208)
252.5
± 0.25
(275)
(125)
139.7
± 0.25
(180)
(147)
A
B
Detail B
6.3
φ
+ 0.01
– 0.05
View from A
Electrode
Heater
Heater-Cathode
Color of Lead
Yellow
White
115
± 1
Lock / Unlock Shaft
4-No.4-40 UNC
depth 5.8 MAX.
Body Col & Thermostat
Terminal
Thermostat
(Nomally Close)
RF Output
UG-419 / U
RF Input
UG-419 / U
Channel Shaft
36.84
± 0.3
36.84
± 0.3
φ
( 38)
φ
4 - 5.6
φ
5 - 5
φ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com