Electronic Components Datasheet Search
  English  ▼

X  

LD7111 Datasheet(PDF) 1 Page - NEC

Part # LD7111
Description  17 GHz BAND, 1.7 kW, HIGH EFICIENCY, HIGH POWER GAIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7111 Datasheet(HTML) 1 Page - NEC

  LD7111 Datasheet HTML 1Page - NEC LD7111 Datasheet HTML 2Page - NEC LD7111 Datasheet HTML 3Page - NEC LD7111 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
Document No. ET0404EJ2V0DS00 (2nd edition)
(GC-1069)
Date Published August 1998 M
Printed in Japan
17 GHz BAND, 1.7 kW, HIGH EFICIENCY, HIGH POWER GAIN
The information in this document is subject to change without notice.
©
1994
HIGH POWER KLYSTRON
FOR GROUND TERMINALS
LD7111 SERIES
For safe use of microwave tubes, refer to NEC document “Safety instructions to all personnel
handling electron tubes” (ET0048EJ
∗V∗UM00)
GENERAL DESCRIPTION
The series of NEC LD7111 is a five-cavity Klystron Amplifier
and ideal for use in the earth-to-satellite communication sys-
tems. These are designed for operating at 1.7 kW CW over the
frequency range of 17.3 to 18.4 GHz.
The instantaneous bandwidth of minus one-decibel is at least
90 MHz over the entire 1.1 GHz range.
All tubes are forced-air-cooled at any power level. An auto-
matic channel tuner, which changes the operating frequency very
quickly and simply, is available in all the series.
Furthermore, they are of rugged and reliable design offering
long life service.
NEC LD7111 series is compatible with VKU7791Z6 by using
an additional adapter.
FEATURES
™ Compact and Light Weight (27 kg approx.)
™ High Efficiency
(The DC to RF conversion efficiency is typically 23 % or
higher.)
™ High Power Gain
™ Long Life and High Stability
™ Simple Cooling System (forced-air-cooled)
™ Automatic Channel Tuner (8-12 Channels)
Hand Tuner model is also available.
™ Permanent Magnet Focusing
™ Rugged Construction


Similar Part No. - LD7111

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7120 LEADTREND-LD7120 Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
LD7120CS LEADTREND-LD7120CS Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
LD7120PS LEADTREND-LD7120PS Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
logo
NEC
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
logo
LightGraphix
LD71DR LIGHTGRAPHIX-LD71DR Datasheet
920Kb / 2P
Miniature Adjustable Deep Recessed Low Glare LED Downlight
19 June 2023
More results

Similar Description - LD7111

ManufacturerPart #DatasheetDescription
logo
NEC
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7260 NEC-LD7260 Datasheet
62Kb / 6P
6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Guerrilla RF, Inc.
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com