Electronic Components Datasheet Search
  English  ▼

X  

IL300 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL300
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL300 Datasheet HTML 1Page - Vishay Siliconix IL300 Datasheet HTML 2Page - Vishay Siliconix IL300 Datasheet HTML 3Page - Vishay Siliconix IL300 Datasheet HTML 4Page - Vishay Siliconix IL300 Datasheet HTML 5Page - Vishay Siliconix IL300 Datasheet HTML 6Page - Vishay Siliconix IL300 Datasheet HTML 7Page - Vishay Siliconix IL300 Datasheet HTML 8Page - Vishay Siliconix IL300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IL300
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 02-Jun-14
1
Document Number: 83622
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Linear Optocoupler, High Gain Stability, Wide Bandwidth
DESCRIPTION
The IL300 linear optocoupler consists of an AlGaAs IRLED
irradiating an isolated feedback and an output PIN
photodiode in a bifurcated arrangement. The feedback
photodiode captures a percentage of the LEDs flux and
generates a control signal (IP1) that can be used to servo the
LED drive current. This technique compensates for the
LED’s non-linear, time, and temperature characteristics.
The output PIN photodiode produces an output signal (IP2)
that is linearly related to the servo optical flux created by the
LED.
The time and temperature stability of the input-output
coupler gain (K3) is insured by using matched PIN
photodiodes that accurately track the output flux of the LED.
FEATURES
• Couples AC and DC signals
• 0.01 % servo linearity
• Wide bandwidth, > 200 kHz
• High gain stability, ± 0.005 %/°C typically
• Low input-output capacitance
• Low power consumption, < 15 mW
• Isolation test voltage, 5300 VRMS, 1 s
• Internal insulation distance, > 0.4 mm
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Power supply feedback voltage/current
• Medical sensor isolation
• Audio signal interfacing
• Isolated process control transducers
• Digital telephone isolation
AGENCY APPROVALS
• UL file no. E52744, system code H
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1
•BSI
•FIMKO
Note
(1) Also available in tubes, do not put “T” on the end.
A
C
NC
NC
C
A
A
C
1
2
3
4
8
7
6
5
K2
K1
i179026_2
V
DE
i179026
ORDERING INFORMATION
I
L
300
-
D
E
F
G
-
X
0
#
#
T
PART NUMBER
K3 BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY
CERTIFIED/
PACKAGE
K3 BIN
UL, cUL,
BSI, FIMKO
0.557 to 1.618
0.765 to 1.181
0.851 to 1.181
0.765 to 0.955
0.851 to 1.061
0.945 to 1.181 0.851 to 0.955 0.945 to 1.061
DIP-8
IL300
IL300-DEFG
-
-
IL300-EF
-
IL300-E
IL300-F
DIP-8, 400 mil,
option 6
IL300-X006
IL300-DEFG-X006
-
-
IL300-EF-X006 IL300-FG-X006 IL300-E-X006
IL300-F-X006
SMD-8, option 7 IL300-X007T(1) IL300-DEFG-X007T(1) IL300-EFG-X007 IL300-DE-X007T IL300-EF-X007T(1)
-
IL300-E-X007T IL300-F-X007
SMD-8, option 9 IL300-X009T(1) IL300-DEFG-X009T(1)
-
-
IL300-EF-X009T(1)
-
-
IL300-F-X009T(1)
VDE, UL,
BSI, FIMKO
0.557 to 1.618
0.765 to 1.181
0.851 to 1.181
0.765 to 0.955
0.851 to 1.061
0.945 to 1.181 0.851 to 0.955 0.945 to 1.061
DIP-8
IL300-X001
IL300-DEFG-X001
-
-
IL300-EF-X001
-
IL300-E-X001
IL300-F-X001
DIP-8, 400 mil,
option 6
IL300-X016
IL300-DEFG-X016
-
-
IL300-EF-X016
-
-
IL300-F-X016
SMD-8, option 7
IL300-X017 IL300-DEFG-X017T(1)
-
-
IL300-EF-X017T(1)
-
IL300-E-X017T IL300-F-X017T(1)
SMD-8, option 9
-
-
-
-
-
-
-
IL300-F-X019T(1)
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP-8
Option 7
Option 6
Option 9


Similar Part No. - IL300

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL300 SIEMENS-IL300 Datasheet
134Kb / 8P
LINEAR OPTOCOUPLER
logo
Vishay Siliconix
IL300 VISHAY-IL300 Datasheet
196Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
26-Oct-04
IL300 VISHAY-IL300 Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
IL300 VISHAY-IL300 Datasheet
192Kb / 11P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
23-Sep-11
IL300-DEFG VISHAY-IL300-DEFG Datasheet
196Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
26-Oct-04
More results

Similar Description - IL300

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
Vishay Siliconix
IL300 VISHAY-IL300 Datasheet
196Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
26-Oct-04
logo
RF Micro Devices
RF3865 RFMD-RF3865 Datasheet
151Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
RF3866 RFMD-RF3866 Datasheet
150Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
logo
Vishay Siliconix
IL300 VISHAY-IL300_05 Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
IL300-EF-X016 VISHAY-IL300-EF-X016 Datasheet
192Kb / 11P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
23-Sep-11
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
Wide Bandwidth - 65MHz at Gain of -1
logo
Harris Corporation
HA-4622 HARRIS-HA-4622 Datasheet
1Mb / 5P
wide gain bandwidth product
logo
Skyworks Solutions Inc.
OLI303 SKYWORKS-OLI303 Datasheet
278Kb / 6P
Miniature Wide Bandwidth Optocoupler for Hybrid Assembly
September 12, 2017
OLS303 SKYWORKS-OLS303 Datasheet
283Kb / 6P
Hermetic Surface Mount Wide Bandwidth Optocoupler
June 19, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com