Electronic Components Datasheet Search
  English  ▼

X  

SM31EPD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM31EPD
Description  MINI-BEAM dc-Voltage Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM31EPD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM31EPD Datasheet HTML 1Page - List of Unclassifed Manufacturers SM31EPD Datasheet HTML 2Page - List of Unclassifed Manufacturers SM31EPD Datasheet HTML 3Page - List of Unclassifed Manufacturers SM31EPD Datasheet HTML 4Page - List of Unclassifed Manufacturers SM31EPD Datasheet HTML 5Page - List of Unclassifed Manufacturers SM31EPD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dimensions
Models with suffix E, EL, EPD, R, RL, RPD, LV, LVAG, LP, D, C, C2, CV, CV2,
CVG, CV2G, CVB, and CV2B
Models with suffix DBZ and W
3.2 mm (0.13”)
12.2 mm (0.48”)
3 mm dia Clearance (2)
M18 × 1 × 15 mm Thread
(Mounting nut supplied)
27.4 mm (1.08”)
53.3 mm (2.10”)
19.1 mm (0.75”)
Mounting peg
(6.3 mm dia × 2.5 mm)
2 m (6.5’) Cable
30.7 mm
(1.21”)
24.1 mm
(0.95”)
3 mm dia Clearance (2)
Bezel
18.0 mm (0.71”)
13.2 mm (0.52”)
39.1 mm
(1.54”)
Models with suffix F, FV, FVB, and FVG
Models with suffix FP, FPB, FPG, and FPH
M18 x 1 x 19 mm Thread
(Mounting Nut Supplied)
57.5 mm (2.27")
31.2 mm (1.23")
Fiber Optic Fitting
3.2 mm (0.13”)
12.2 mm (0.48”)
3 mm dia clearance (2)
Fiber
Optic
Fitting
22.3 mm
(0.88”)
16.2 mm
(0.64”)
42.1 mm
(1.66”)
19.1 mm
(0.75”)
Mounting Peg
(6.3 mm dia × 2.5 mm)
2 m (6.5’) Cable
30.7 mm
(1.21”)
24.1 mm
(0.95”)
QD Models
Sensor Features
20.0 mm
(0.79”)
12 mm Thread
Quick-disconnect
Gain (Sensitivity) Adjustment Screw
Alignment Indicator Device (AID)*
Light/Dark Operate Select Switch
Clockwise: Light Operate
(outputs conduct when sensing
light is received).
Counterclockwise: Dark Operate
(outputs conduct when sensing
light is not received).
*U.S. Patent no. 4356393
MINI-BEAM dc-Voltage Series
2
www.bannerengineering.com - tel: 763-544-3164
P/N 69943 rev. C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com