Electronic Components Datasheet Search
  English  ▼

X  

SM31EPD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SM31EPD
Description  MINI-BEAM dc-Voltage Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM31EPD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SM31EPD Datasheet HTML 1Page - List of Unclassifed Manufacturers SM31EPD Datasheet HTML 2Page - List of Unclassifed Manufacturers SM31EPD Datasheet HTML 3Page - List of Unclassifed Manufacturers SM31EPD Datasheet HTML 4Page - List of Unclassifed Manufacturers SM31EPD Datasheet HTML 5Page - List of Unclassifed Manufacturers SM31EPD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Diffuse Mode Alignment
Object
If the Alignment LED does not go OFF when the object is removed from the beam,
the sensor is probably detecting light reflected from some background object. To
remedy this problem:
• Reduce the reflectivity of the background by painting the surface(s) flat-black,
scuffing any shiny surface, or drilling a large hole, directly opposite the diffuse
sensor.
• Move the sensor closer to the object to be detected and reduce the Gain ad-
justment. Rule of thumb for diffuse sensing: The distance to the nearest back-
ground object should be at least three times the sensing distance.
Note:
• Light condition: sensor output is ON when there is no object in beam
• Dark condition: sensor output is ON when there is an object in beam
Retroreflective Mode Alignment
Retro
Target
A highly reflective object may reflect enough light back to a retroreflective sensor to
allow that object to slip through the beam, without being detected. This problem is
called “proxing,” and the following methods may be used to correct it:
• Position the sensor and retro target so the beam will not strike a shiny surface
perpendicular to the sensor lens.
• Reduce the Gain adjustment.
• Add a polarizing filter (for model SM312LV).
Note:
• Light condition: sensor output is ON when there is no object in beam
• Dark condition: sensor output is ON when there is an object in beam
Convergent Mode Alignment
Object
Low
Reflectivity
Background
The sensing energy of a convergent mode sensor is concentrated at the specified
focus point. Convergent mode sensors are less sensitive to background reflections,
compared with diffuse mode sensors. However, if background reflections are a
problem:
• Skew the sensor position at a 10° to 25° angle to eliminate direct reflections
from shiny background surfaces.
• Reduce the reflectivity of the background by painting the surface(s) flat-black,
scuffing any shiny surface, or drilling a large hole, directly opposite the sensor.
• Reduce the Gain adjustment.
Note:
• Light condition: sensor output is ON when there is no object in beam
• Dark condition: sensor output is ON when there is an object in beam
MINI-BEAM dc-Voltage Series
4
www.bannerengineering.com - tel: 763-544-3164
P/N 69943 rev. C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com