Electronic Components Datasheet Search
  English  ▼

X  

SMART1000LCD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART1000LCD
Description  Smart LCD 1000VA Tower Line-Interactive 120V UPS with LCD display and USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1000LCD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART1000LCD Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Smart LCD 1000VA Tower Line-Interactive 120V
UPS with LCD display and USB port
MODEL NUMBER: SMART1000LCD
Description
Tripp Lite's SMART1000LCD Line-Interactive Digital UPS System offers voltage regulation, surge suppression
and long-lasting battery support for personal computers, network workstations, home entertainment systems
and media centers. Internal UPS circuits support entry-level PCs for up to 60 minutes or individual DVR components for as long as 3 hours during power
failures. Prevents data loss, viewing interruptions, lost recordings and loss of component programming. Automatic Voltage Regulation (AVR) circuits regulate
brownouts as low as 89 volts back to usable levels without using battery power. Offers complete power protection in an attractive black tower configuration.
Includes 4 battery-supported outlets, plus 4 additional surge suppression-only outlets for items not requiring battery support. Space saving right angle 5-15P
input plug.
USB port enables optional unattended system shutdown without data loss in the case of extended power failure, USB cable included. PowerAlert software
available via free download from www.tripplite.com. HID-compliant USB interface enables full integration with built-in power management and auto shutdown
features of Windows and Mac OS X. Full load efficiency rating of 97% offers energy-savings and cool operating temperatures. Built-in single-line RJ-11 phone
suppression jacks protect modem, satellite receiver or other peripherals with a standard dialup/DSL phone connection. Set of 2.2 GHz coaxial jacks protect
against surges entering on CATV, satellite or broadcast antenna connections. Built-in audible alarm and large LCD front panel voltage display indicates line
power status, battery power status, battery low/replace status and voltage boost operation.
The LCD display includes a dimmer switch and can be rotated for easy viewing in upright tower or horizontal shelf-mount position. 1000VA/500W
power-handling ability supports entry-level PCs, home entertainment systems, network workstations, audio/video components.
Features
LCD Display with dimmer switch indicates input voltage, battery capacity and a variety of operating conditions. Display is rotatable for easy viewing
whether UPS is in vertical or horizontal position
SMART1000LCD Digital Uninterruptible Power Supply offers voltage regulation, surge suppression and long lasting battery support during blackouts
Full load efficiency rating of 97% offers energy-savings and cool operating temperatures
Supports entry level PCs up to 60 minutes or single DVR components for up to 3 hours during blackouts
Regulates brownouts as low as 89 volts back to usable levels without using battery power
4 UPS battery supported outlets, plus 4 additional surge suppression-only outlets
Highlights
1000VA / 1kVA tower 120V line
interactive UPS with LCD display
Corrects brownouts as low as
89V without using battery power
LCD screen reports input
voltage, battery charge and UPS
status
USB port, TEL/DSL/Coax
protection, Surge-only outlets,
97% efficiency
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
Package Includes
SMART1000LCD Digital UPS
System
USB Cable
Phone Cord
Owner's Manual
1 / 5


Similar Part No. - SMART1000LCD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1000LCDTAA TRIPPLITE-SMART1000LCDTAA Datasheet
507Kb / 5P
TAA-Compliant SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB,TEL/DSL/Coax Protection
SMART1000LCDU TRIPPLITE-SMART1000LCDU Datasheet
169Kb / 5P
SmartPro LCD 120V 1000VA 500W Line-Interactive Desktop UPS, AVR, Tower, USB, TEL/DSL/Coax, 8 Outlets
SMART1000LCD TRIPPLITE-SMART1000LCD_15 Datasheet
508Kb / 5P
SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB, TEL-DSL-Coax Protection
More results

Similar Description - SMART1000LCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART1500LCD ETC2-SMART1500LCD Datasheet
502Kb / 6P
Smart LCD 1500VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
OMNI650LCD ETC2-OMNI650LCD Datasheet
506Kb / 6P
Omni LCD 650VA Tower Line-Interactive 120V UPS with LCD display and USB port
OMNI900LCD ETC2-OMNI900LCD Datasheet
507Kb / 6P
Omni LCD 900VA Tower Line-Interactive 120V UPS with LCD display and USB port
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
SMART1200LCD ETC2-SMART1200LCD Datasheet
502Kb / 6P
Smart LCD 1200VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
logo
Tripp Lite. All Rights ...
OMNI650LCD TRIPPLITE-OMNI650LCD_15 Datasheet
503Kb / 5P
OmniSmart LCD 120V 650VA 350W Line-Interactive UPS, Tower, LCD display, USB port
OMNI700LCD TRIPPLITE-OMNI700LCD_15 Datasheet
527Kb / 5P
OmniSmart LCD 120V 700VA 420W Line-Interactive UPS, Tower, LCD display, USB port
OMNI900LCD TRIPPLITE-OMNI900LCD_15 Datasheet
506Kb / 5P
OmniSmart LCD 120V 900VA 475W Line-Interactive UPS, Tower, LCD display, USB port
SMART1300LCDT TRIPPLITE-SMART1300LCDT Datasheet
549Kb / 5P
SmartPro LCD 120V 1300VA 720W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com