Electronic Components Datasheet Search
  English  ▼

X  

SMART1000LCD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMART1000LCD
Description  Smart LCD 1000VA Tower Line-Interactive 120V UPS with LCD display and USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1000LCD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMART1000LCD Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Half load runtime (minutes)
10 min. (250w)
DC system voltage (VDC)
12
Battery recharge rate (included
batteries)
Less than 16 hours from 10% to 90%
Replacement battery cartridge
(internal UPS battery replacement)
RBC51
Battery Access
Battery access door
Battery replacement description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage regulation description
Automatic voltage regulation (AVR) maintains line power operation with input voltage as low as 89
Undervoltage correction
Input voltages between 89 and 104 are boosted by 14%
LEDS ALARMS & SWITCHES
LED Indicators
Front panel LCD display
Front panel LCD display
Backlighted LCD screen indicates input voltage, 5-bar battery charge level, overload, AVR, on battery and replace
battery status; LCD screen rotates for rack/tower viewing
Alarms
Audible alarm indicates power-failure, low-battery and overload status; alarm can be disabled using PowerAlert
software
Alarm cancel operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation; dimmer switch controls LCD brightness
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
1038
UPS AC suppression response time
Instantaneous
UPS Dataline suppression
1 line TEL/DSL (1 in / 1 out); Coax jacks (1 set)
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
Tower
Primary form factor
Tower
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
11.84 x 3.66 x 7.24
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
30.1 x 9.3 x 18.4
Secondary form factor
Horizontal desktop placement
UPS / Power Module weight (lbs)
15.55
3 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com