Electronic Components Datasheet Search
  English  ▼

X  

B716 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # B716
Description  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

B716 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  B716 Datasheet HTML 1Page - Hitachi Semiconductor B716 Datasheet HTML 2Page - Hitachi Semiconductor B716 Datasheet HTML 3Page - Hitachi Semiconductor B716 Datasheet HTML 4Page - Hitachi Semiconductor B716 Datasheet HTML 5Page - Hitachi Semiconductor B716 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SB715, 2SB716, 2SB716A
3
0
50
100
150
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
750
500
250
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
0
–10
–50
–20
–30
–40
–10
–8
–6
–4
–2
IB = 0
–2 µA
–4
–6
–8
–10
–12
–14
–16
Typical Transfer Characteristics
–0.01
–0.03
–0.1
–0.3
–1.0
–3
–10
Base to Emitter Voltage VBE (V)
–0.2
–0.4
–0.6
–0.8
VCE = –12 V
Pulse
Ta = 100
°C
75 50 25
–25
0
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
–0.01 –0.03
–0.1
–0.3
–1.0
–3
–10
–30
0
200
400
600
800
1,000
Ta = 100
°C
0
–25
VCE = –12 V
Pulse
75 50 25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com