Electronic Components Datasheet Search
  English  ▼

X  

B716 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # B716
Description  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

B716 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  B716 Datasheet HTML 1Page - Hitachi Semiconductor B716 Datasheet HTML 2Page - Hitachi Semiconductor B716 Datasheet HTML 3Page - Hitachi Semiconductor B716 Datasheet HTML 4Page - Hitachi Semiconductor B716 Datasheet HTML 5Page - Hitachi Semiconductor B716 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SB715, 2SB716, 2SB716A
4
Gain Bandwidth Product vs.
Collector Current
5
10
30
100
300
1,000
Collector Current IC (mA)
–0.01 –0.03
–0.1
–0.3
–1.0
–3
–10
–30–50
VCE = –12 V
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
0.5
1.0
2
5
10
20
50
–1
–3
–10
–30
–100
f = 1 MHz
IE = 0
Area of Safe Operation
–1
–2
–5
–10
–20
–50
–100
Collector to Emitter Voltage VCE (V)
–5
–10 –20
–50 –100 –200
–500
Ta = 25
°C
P
C =
750
mW
DC
Operation
IC (max)
(–50 V, –15 mA)
2SB716
2SB716A
(–100 V, –7.5 mA)
(–120 V, –5 mA)
(–140 V, –4 mA)
2SB715



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com