Electronic Components Datasheet Search
  English  ▼

X  

LD7235 Datasheet(PDF) 4 Page - NEC

Part # LD7235
Description  30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7235 Datasheet(HTML) 4 Page - NEC

  LD7235 Datasheet HTML 1Page - NEC LD7235 Datasheet HTML 2Page - NEC LD7235 Datasheet HTML 3Page - NEC LD7235 Datasheet HTML 4Page - NEC LD7235 Datasheet HTML 5Page - NEC LD7235 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
LD7235 SERIES
LD7235 SERIES OUTLINE (Unit in mm)
67
±0.5
10.9
±0.5
RF Output
UG-599/U
(No.4-40 UNC-2B
4 Threaded Holes)
RF Input
UG-599/U
(No.4-40 UNC-2B
4 Threaded Holes)
55
±0.5
55
±0.5
45
±0.5
69
±1
69.5
±1
Flying Leads
8- 4.5 Thru
φ
7
±0.5
12
±0.5
Lead Color
Lead Connections
Brown
Heater
Yellow
Heater-Cathode
Blue
Anode (∗1)
Black
Helix
Red
Collector-1
White
Collector-2 (∗2)
∗1. For the type without an isolated anode, the blue lead line will not
be provided.
∗2. For the single collector type, the white lead line will not be
provided.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com