Electronic Components Datasheet Search
  English  ▼

X  

LD7235 Datasheet(PDF) 1 Page - NEC

Part # LD7235
Description  30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7235 Datasheet(HTML) 1 Page - NEC

  LD7235 Datasheet HTML 1Page - NEC LD7235 Datasheet HTML 2Page - NEC LD7235 Datasheet HTML 3Page - NEC LD7235 Datasheet HTML 4Page - NEC LD7235 Datasheet HTML 5Page - NEC LD7235 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
Document No. ET0215EJ3V0DS00 (3rd edition)
Date Published August 1998 M
Printed in Japan
30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
HIGH POWER TRAVELING WAVE TUBE
FOR COMMUNICATIONS
LD7235 SERIES
The information in this document is subject to change without notice.
©
1996
For safe use of microwave tubes, refer to NEC document “Safety instructions to all personnel
handling electron tubes” (ET0048EJ
∗V∗UM00)
GENERAL DESCRIPTION
The NEC LD7235 series of PPM-focused traveling wave tubes are designed for use as final amplifiers in the
earth-to-satellite communications transmitter, LMDS (Local Multipoint Distribution Service) and other advanced
communication systems.
Three models of the LD7235 series are capable of delivering an output power of 150 W over the range of
26.5 GHz to 31.1 GHz and provide a high power gain of 50 dB at 150 W output power. These are equipped with
dual-stage depressed collector for enhancing overall efficiency and a single collector.
Furthermore, they are of rugged and reliable design offering long-life service.
FEATURES
™ High Power Gain
The power gain is typically 50 dB at 150 W level.
™ Simple Cooling System
The tubes are conduction-cooled, so that the cooling systems are greatly simplified.
™ PPM Focusing
The tubes are PPM (Periodic Permanent Magnet) -focused, eliminating entirely the focusing power supplies
and interlock circuits.
™ Rugged Construction
The tubes are designed to be rugged, therefore they are suitable for transportable systems.
™ Long Life and High Stability
The tubes employ an advanced impregnated cathode with a low operating temperature for long life.
™ Microdischarge Free
The tubes are carefully designed to be free from microdischarge in the electron gun for long term operation,
therefore they are suitable for digital communication service.


Similar Part No. - LD7235

ManufacturerPart #DatasheetDescription
logo
NEC
LD7237 NEC-LD7237 Datasheet
62Kb / 8P
DBS Band, 400 W CW, PPM FOCUSING, HIGH POWER GAIN
More results

Similar Description - LD7235

ManufacturerPart #DatasheetDescription
logo
NEC
LD4606A NEC-LD4606A Datasheet
51Kb / 4P
30 GHz, 380 W CW, HIGH EFFICIENCY, HIGH POWER GAIN
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7246A NEC-LD7246A Datasheet
44Kb / 4P
14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com