Electronic Components Datasheet Search
  English  ▼

X  

2SC2512 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SC2512
Description  Silicon NPN Triple Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2512 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SC2512 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SC2512
5
Conversion Gain, Noise Figure Test Circuit
fOSC Input
Input
Output
Parts Specification
C1 : 1.5 pF
C2 : 57 pF
C3 : 17 pF
C4 : 1000 pF
C5 : 2200 pF
C6 : 22 pF
C7 : 80 pF
C8 : 18 pF
C9 : 20 pF
R1 : 330 Ω (1/4 W)
R2 : 560 Ω (1/4 W)
L1 : φ0.8 mm Copper wire with Enamel 8 Turns
inside dia
φ3 mm
L2 : φ0.8 mm Copper wire with Enamel 5 Turns
inside dia
φ3 mm
L3 : φ0.5 mm Copper wire with Enamel 3.5 Turns
inside dia
φ3 mm
L4 : Outside dia φ5 mm used Ferrite Core, φ0.2 mm
Copper wire with Enamel 6.5 Turns
L5 : φ0.2 mm Copper wire with Enamel 13 Turns
inside dia
φ5 mm
C1
C2
C3
L3
C4
C5
C6
C7
C9
C8
L5
L4
L2
L1
R1
R2
VCC
VBB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com