Electronic Components Datasheet Search
  English  ▼

X  

2SC2512 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC2512
Description  Silicon NPN Triple Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2512 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC2512 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2512 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SC2512
Silicon NPN Triple Diffused
Application
• VHF Amplifier
• VHF TV Tuner, Mixer
Outline
1. Base
2. Emitter
3. Collector
TO-92 (2)
3
2
1


Similar Part No. - 2SC2512

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2510 TOSHIBA-2SC2510 Datasheet
137Kb / 2P
TRANSISTOR (2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (28v SUPPLY VOLTAGE USE)
17-Jul-1998
2SC2510A TOSHIBA-2SC2510A Datasheet
188Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Savantic, Inc.
2SC2516 SAVANTIC-2SC2516 Datasheet
103Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2516 ISC-2SC2516 Datasheet
138Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2516 SAVANTIC-2SC2516 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2512

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
Silicon NPN Triple Diffused
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
SILICON NPN TRIPLE DIFFUSED DIFFUSED
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
Silicon NPN Triple Diffused
2SD1133 RENESAS-2SD1133 Datasheet
145Kb / 6P
Silicon NPN Triple Diffused
2SC4647 RENESAS-2SC4647 Datasheet
146Kb / 7P
Silicon NPN Triple Diffused
2SC4913 RENESAS-2SC4913 Datasheet
145Kb / 7P
Silicon NPN Triple Diffused
2SD1976 RENESAS-2SD1976 Datasheet
150Kb / 7P
Silicon NPN Triple Diffused
2SD2337 RENESAS-2SD2337 Datasheet
147Kb / 7P
Silicon NPN Triple Diffused
logo
Guangdong Kexin Industr...
2SC4499S KEXIN-2SC4499S Datasheet
39Kb / 1P
Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com