Electronic Components Datasheet Search
  English  ▼

X  

BA9741 Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # BA9741
Description  TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

BA9741 Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  BA9741 Datasheet HTML 1Page - E-Tech Electronics LTD BA9741 Datasheet HTML 2Page - E-Tech Electronics LTD BA9741 Datasheet HTML 3Page - E-Tech Electronics LTD BA9741 Datasheet HTML 4Page - E-Tech Electronics LTD BA9741 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTCBA9741
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 4
QW-R103-017,B
PARAMETER
SYMBOL
TEST CONIDITIONS
MIN
TYP. MAX UNIT
On Duty Cycle
DON
Divide Vref using 13 k
Ω and27 kΩ
45
55
65
%
Input Bias Current
IBDT
DT1,DT2=2.0V
0.1
1
µ
A
Latch Mode Source Current
IDT
DT1,DT2=0V
200
560
µ
A
Latch Input Voltage
VDT
IDT=40µA
2.28
2.48
V
LOW-VOLTAGE INPUT MISS-OPERATION PREVENTION CIRCUIT
Threshold Voltage
VUT
2.53
V
ERROR AMPLIFIER
Input Offset Voltage
VIO
6
mV
Input Offset Current
IIO
30
nA
Input Bias Current
IIB
15
100
nA
Open Circuit Gain
AV
70
85
dB
Common-mode Input Voltage range
VOM
Vcc=3.6~35V
0.3
1.6
V
Common-mode Rejection Ratio
CMRR
60
80
dB
Maximum Output Voltage
VOH
2.3
2.5
V
Minimum Input Voltage
VOL
0.7
0.9
V
Output Sink Current
IOI
FB=1.25V
3
20
mA
Output Source Current
IOO
FB=1.25V
45
75
µ
A
PWM COMPARATOR
Vt0
Duty Cycle =0%
1.79
1.97
2.15
V
Input Threshold Voltage
(fosc=10kHz)
Vt100
Duty Cycle =100%
1.32
1.48
1.64
V
OUTPUT BLOCK
Saturation Voltage
VSAT
Io=75mA
0.8
1.2
V
Leak Current
IREAK
Vo=35V
0
5
µ
A
TOTAL DEVICE
Standby Current
Iccs
When output is off
1.3
1.8
mA
Average Current Consumption
IccA
RRT=10 k
Ω
1.6
2.3
mA
TIMING CHART
1.97V
1.05V
1.48V
1.64V
2.53V
tDT
>
=
Vcc 3.6V
Triangular wave output(from oscillator)
Error amplifier output
Dead-time input voltage
Short protection comparator
PWM comparator output
Output waveform
SCP waveform
Short protection comparator output
Power supply voltage
Lockout release
Figure. 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com