Electronic Components Datasheet Search
  English  ▼

X  

BA9741 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # BA9741
Description  TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

BA9741 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  BA9741 Datasheet HTML 1Page - E-Tech Electronics LTD BA9741 Datasheet HTML 2Page - E-Tech Electronics LTD BA9741 Datasheet HTML 3Page - E-Tech Electronics LTD BA9741 Datasheet HTML 4Page - E-Tech Electronics LTD BA9741 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTCBA9741
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R103-017,B
TWO-CHANNEL SWITCHING
REGULATOR CONTORLLER
DESCRIPTION
The UTC BA9741 is a two-channel switching
regulator controllers that use the PWM method.
It can be used for DC to DC conversion for step-up,
step-down, and inverting. The IC comes in a compact
package, making it ideal for use in portable equipment.
FEATURES
*High-accuracy reference voltage circuit (±1%).
*Time-latch, short-circuit protection circuit.
*Miss-operation prevention circuit for low-voltage input
*Reference voltage with output (2.5V)
*Rest period adjustment is possible over the entire duty
*range.
APPLICATION
*DC/DC converters for video cameras and notebook
computers etc.
DIP-16
SOP-16
TSSOP-16
PIN CONFIGURATIONS
CT
RT
NON1
INV1
FB1
DT1
OUT1
GND
Vcc
OUT2
DT2
INV2
SCP
VREF
NON2
FB2
ERROR
AMPLIFIER 1
ERROR
AMPLIFIER 2
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16


Similar Part No. - BA9741

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BA9741 UTC-BA9741 Datasheet
142Kb / 5P
TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
Rohm
BA9741 ROHM-BA9741 Datasheet
214Kb / 6P
2-ch Switching Regulator Controller
logo
Unisonic Technologies
BA9741A UTC-BA9741A Datasheet
142Kb / 5P
LINEAR INTEGRATED CIRCUIT
logo
Rohm
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
Two-channel switching regulator controller
BA9741F ROHM-BA9741F Datasheet
214Kb / 6P
2-ch Switching Regulator Controller
More results

Similar Description - BA9741

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2355 NJRC-NJM2355 Datasheet
326Kb / 11P
TWO OUTPUT HIGH VOLTAGE SWITCHING REGULATOR
logo
Rohm
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
Two-channel switching regulator controller
logo
Micrel Semiconductor
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
Two-Cell Switching Regulator Preliminary Information
logo
National Semiconductor ...
LM2648 NSC-LM2648 Datasheet
1,017Kb / 23P
Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
logo
Rohm
BD9302FP ROHM-BD9302FP Datasheet
337Kb / 6P
2.5MHz 2A Power Switch Two Channel Step-down Switching Regulator
logo
Advanced Analog Technol...
AAT1343 AAT-AAT1343 Datasheet
195Kb / 14P
2-CHANNEL SWITCHING REGULATOR
V1.0
logo
Unisonic Technologies
BA9741 UTC-BA9741 Datasheet
142Kb / 5P
TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
Taiwan Memory Technolog...
T6336A TMT-T6336A Datasheet
32Kb / 3P
Two Channel Constant Current Regulator
logo
Micrel Semiconductor
MIC2570 MICREL-MIC2570_07 Datasheet
361Kb / 15P
Two-Cell Switching Regulator
logo
MIC GROUP RECTIFIERS
MIC2570 MIC-MIC2570_11 Datasheet
366Kb / 15P
Two-Cell Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com