Electronic Components Datasheet Search
  English  ▼

X  

G276P Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # G276P
Description  C o mp l e me n t a r y O u t p u t H a l l E f f e c t L a t c h e d S i n k D r i v e r I C
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G276P Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  G276P Datasheet HTML 1Page - E-Tech Electronics LTD G276P Datasheet HTML 2Page - E-Tech Electronics LTD G276P Datasheet HTML 3Page - E-Tech Electronics LTD G276P Datasheet HTML 4Page - E-Tech Electronics LTD G276P Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
G276P
Page: 2/5
ISSUED DATE :2005/11/24
REVISED DATE :
Functional Block Diagrams
Pin Descriptions
Name
P/I/O Pin# Description
Vcc
P
1
Positive Power supply
DO
O
2
Output Pin
DOB
O
3
Output Pin
Vss
P
4
Ground
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Value
Unit
Supply Voltage
Vcc
20V
V
Reverse Vcc Polarity Voltage
VRCC
-35V
V
Magnetic flux density
B
Unlimited
Output OFF Voltage
Vce
35
V
Continuous
300
Output ON Current
Hold
IC
400
mA
Operating Temperature Range
Ta
-20 ~ 85
:
Storage Temperature Range
Ts
-65 ~ 150
:
Package Power Dissipation
PD
550
mW
Maximum Junction Temp.
Tj
175
:
*Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute maximum rated conditions for
extended periods may affect device reliability.
Electrical Characteristics (Ta=+25 , Vcc=4.0V to 20V)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Low Supply Voltage
Vce
Vcc=3.5V, IL=100mA
-
0.4
-
V
Supply Voltage
Vcc
-
3.5
-
20
V
Output Saturation Voltage
Vce(sat) Vcc=14V, IL=300mA
-
0.6
0.9
V
Output Leakage Current
ICex
Vce=14V, Vcc=14V
-
<1
10
uA
Supply Current
ICC
Vcc=20V, Output Open
-
18
25
mA
Output Rise Time
Tr
Vcc=14V, RL=820 , CL=20pf
-
3.0
10
us
Output Falling Time
Tf
Vcc=14V, RL=820 , CL=20pf
-
0.3
1.5
us
Switch Time Differential
t
Vcc=14V, RL=820 , CL=20pf
-
3.0
10
us



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com