Electronic Components Datasheet Search
  English  ▼

X  

G276P Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # G276P
Description  C o mp l e me n t a r y O u t p u t H a l l E f f e c t L a t c h e d S i n k D r i v e r I C
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G276P Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  G276P Datasheet HTML 1Page - E-Tech Electronics LTD G276P Datasheet HTML 2Page - E-Tech Electronics LTD G276P Datasheet HTML 3Page - E-Tech Electronics LTD G276P Datasheet HTML 4Page - E-Tech Electronics LTD G276P Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
G276P
Page: 1/5
ISSUED DATE :2005/11/24
REVISED DATE :
G
G 227766P
P
C
C o
o m
m p
p ll ee m
m ee n
n tt aa rr yy O
O u
u tt p
p u
u tt H
H aa ll ll E
E ff ff ee cc tt L
L aa tt cc h
h ee d
d S
S ii n
n kk D
D rr ii vv ee rr II C
C
Description
The G276P is an integrated Hall sensors with output drivers designed for electronic commutation of brushless DC motor
applications. The device includes an on-chip Hall voltage generator for magnetic sensing, a comparator that amplifies the
Hall voltage, and a Schmitt trigger to provide switching hysteresis for noise rejection, and complementary open-collector
drivers for sinking large current loads. An internal bandgap regulator is used to provide temperature compensated supply
voltage for internal circuits and allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, DO is turned on (low) and DOB is turned off (high). The output state is
held until a magnetic flux density reversal falls below Brp causing DO to be turned off and DOB turned on.
G276P is rated for operation over temperature range from -20
to
:
85 : and voltage range from 3.5V to 20V. The devices
are available in low cost die forms or rugged 4 pin SIP packages.
Features
*On-chip Hall sensor IC with two different sensitivity and hysteresis settings for G276P
*Internal bandgap regulator allows temperature compensated operations and a wide operating voltage range.
*High output sinking capability up to 300mA for driving large load.
*Lower current change rate reduces the peak output voltages during switching.
*Build in protection diode for chip reverse power connecting.
*Package: SIP-4L.
Application
1)Brushless DC Motor
2)Brushless DC Fan
3)Revolution Counting
4)Speed Measurement
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.295
1.803
D
5.105
5.359
A1
0.610
E
3.531
3.785
b
0.330
0.432
L
14.00
16.00
b1
0.406
0.508
e
1.27REF


Similar Part No. - G276P

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G276P GTM-G276P Datasheet
223Kb / 5P
Complementary Output Hall Effect Latched Sink Driver IC
More results

Similar Description - G276P

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
SIPAT Co,Ltd
LBN07059 SIPAT-LBN07059 Datasheet
126Kb / 1P
S A W F i l t e r E l e c t r i c a l C h a r a c t e r i s t i c
logo
E-Tech Electronics LTD
G177 ETL-G177 Datasheet
156Kb / 5P
S i n g l e O u t p u t H a l l E f f e c t L a t c h I C
G266 ETL-G266 Datasheet
218Kb / 5P
C o mp l e me n t a r y O u t p u t H a l l E f f e c t L a t c h e d S i n k D r i v e r I C
G6853 ETL-G6853 Datasheet
152Kb / 4P
S i n g l e O u t p u t H a l l E f f e c t S wi t c h I C
GP103A ETL-GP103A Datasheet
187Kb / 4P
D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GSC103A ETL-GSC103A Datasheet
196Kb / 4P
D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
logo
Powerbox
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com