Electronic Components Datasheet Search
  English  ▼

X  

LD7249 Datasheet(PDF) 4 Page - NEC

Part # LD7249
Description  14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7249 Datasheet(HTML) 4 Page - NEC

  LD7249 Datasheet HTML 1Page - NEC LD7249 Datasheet HTML 2Page - NEC LD7249 Datasheet HTML 3Page - NEC LD7249 Datasheet HTML 4Page - NEC LD7249 Datasheet HTML 5Page - NEC LD7249 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
LD7249 SERIES
DATA SHEET ET0221EJ5V0DS00
LD7249 OUTLINE (Unit in mm)
LEAD COLOR
BROWN
YELLOW
RED
BLUE
BLACK
BLUE (SLIM CABLE)
GREEN (SLIM CABLE)
LEAD CONECTIONS
HEATER
HEATER-CATHODE
COLLECTOR-1
COLLECTOR-2
HILIX (GROUND)
THERMAL SWITCH-1
THERMAL SWITCH-2
LENGTH
650 mm
650 mm
650 mm
650 mm
650 mm
650 mm
650 mm
76
± 1
85 max.
WITH 8. LENGTH 14
(8 SLOTS)
8
× 4.85
THRU
+ 0.1
– 0.0
φ
10
× 5
THRU
+ 0.1
– 0.0
φ
No.6-32 UNC-2B
× 9 DEEP
BOTHSIDE
RF INPUT
SMA FEMALE
RF OUTPUT
UBR-120 FLANGE
WITH No.6-32 UNC-2B
THREADED HOLES
38
± 0.3
19
± 0.3
6
± 0.3
45.5
± 0.8
57 max.
45.7
± 0.3
54
± 0.3
55.9
± 0.8
77.2
± 1.3
60
± 0.8
43.5
± 0.3
11.5
± 1
38
± 0.8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com