Electronic Components Datasheet Search
  English  ▼

X  

LD7249 Datasheet(PDF) 1 Page - NEC

Part # LD7249
Description  14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7249 Datasheet(HTML) 1 Page - NEC

  LD7249 Datasheet HTML 1Page - NEC LD7249 Datasheet HTML 2Page - NEC LD7249 Datasheet HTML 3Page - NEC LD7249 Datasheet HTML 4Page - NEC LD7249 Datasheet HTML 5Page - NEC LD7249 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GENERAL DESCRIPTION
NEC LD7249 series of PPM-focused traveling wave tube are designed for use as final amplifiers in the earth-to-
satellite communications transmitter.
Two models of the LD7249 series are capable of delivering an output power of 350 W and 400 W over the range
of 13.75 to 14.5 GHz and provide a high power gain of more than 47 dB at the rated output power level.
Furthermore, this is of rugged and reliable design offering long-life service.
FEATURES
™ High Power Gain
The power gain is typically 54 dB at the rated output power level.
™ Simple Cooling System
The tube is conduction-cooled so that the cooling system is greatly simplified.
™ PPM Focusing
The tube is PPM (Periodic Permanent Magnet) -focused, eliminating entirely the focusing power supplies and
interlock circuits.
™ Rugged Construction
The tube is designed to be rugged, therefore it is suitable for transportable systems.
™ Long Life and High Stability
The tube employs an advanced impregnated cathode with a low operating temperature for long life.
™ Microdischarge Free
The tube is carefully designed to be free from microdischarge in the electron gun for long term operation,
therefore it is suitable for digital communication service.
DATA SHEET
Document No. ET0221EJ5V0DS00 (5th edition)
Date Published August 1999 M
Printed in Japan
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
The information in this document is subject to change without notice.
©
1997
HIGH POWER TRAVELING WAVE TUBE
FOR GROUND TERMINALS
LD7249 SERIES
For safe use of microwave tubes, refer to NEC document “Safety instructions to all personnel
handling electron tubes” (ET0048EJ
∗V∗UM00)


Similar Part No. - LD7249

ManufacturerPart #DatasheetDescription
logo
NEC
LD7246 NEC-LD7246 Datasheet
44Kb / 4P
14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
LD7246A NEC-LD7246A Datasheet
44Kb / 4P
14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
More results

Similar Description - LD7249

ManufacturerPart #DatasheetDescription
logo
NEC
LD7202 NEC-LD7202 Datasheet
98Kb / 8P
14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7235 NEC-LD7235 Datasheet
66Kb / 6P
30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7246A NEC-LD7246A Datasheet
44Kb / 4P
14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com