Electronic Components Datasheet Search
  English  ▼

X  

LD7260 Datasheet(PDF) 3 Page - NEC

Part # LD7260
Description  6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7260 Datasheet(HTML) 3 Page - NEC

  LD7260 Datasheet HTML 1Page - NEC LD7260 Datasheet HTML 2Page - NEC LD7260 Datasheet HTML 3Page - NEC LD7260 Datasheet HTML 4Page - NEC LD7260 Datasheet HTML 5Page - NEC LD7260 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
LD7260
DATA SHEET ET0478EJ1V0DS00
TYPICAL OPERATION (Note 2, 3, 4 and 5)
Unit
Frequency ……………………………………………
5.850–6.425
GHz
Output Power ………………………………………
2.25
W
Heater Voltage (Note 4) ……………………………
6.3
V
Heater Current ………………………………………
1.5
A
Helix Voltage
………………………………………
15.0
kV
Helix Current
………………………………………
12
mA
Collector-1 Voltage …………………………………
9.75
kV
Collector-1 Current …………………………………
430
mA
Collector-2 Voltage …………………………………
5.25
kV
Collector-2 Current …………………………………
420
mA
Cathode Current ……………………………………
862
mA
Power Gain
at 225 W ………………………
54
dB
at 2.25 kW ……………………
48
dB
Gain Variation
at 225 W ………………………
0.7
dB
Gain Slope
At 225 W
……………………
0.01
dB/MHz
AM-PM Conversion
at 225 W ………………………
1.5
deg./dB
at 2.25 kW ……………………
5.0
deg./dB
3rd Order Intermodulation ………………………
–29
dBc
(two equal carries, 225 W total)
Note 1 : Absolute rating should not be exceeded under continuous or transient conditions. A single absolute
rating may be the limitation and simultaneous operation at more than one absolute rating may not
be possible.
Note 2 : The tube body is at ground potential in operation.
Note 3 : All voltages are referred to the cathode potential except the heater voltage.
Note 4 : The optimum operating parameters are shown on a test performance sheet for each tube.
Note 5 : These characteristics and operating values may be changed as a result of additional information or
product improvement. NEC should be consulted before using this information for equipment
design. This data sheet should not be referred to a contractual specification.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com