Electronic Components Datasheet Search
  English  ▼

X  

LD7260 Datasheet(PDF) 1 Page - NEC

Part # LD7260
Description  6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7260 Datasheet(HTML) 1 Page - NEC

  LD7260 Datasheet HTML 1Page - NEC LD7260 Datasheet HTML 2Page - NEC LD7260 Datasheet HTML 3Page - NEC LD7260 Datasheet HTML 4Page - NEC LD7260 Datasheet HTML 5Page - NEC LD7260 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
Document No. ET0478EJ1V0DS00
Date Published September 1999 M
Printed in Japan
6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
HIGH POWER TRAVELING WAVE TUBE
FOR COMMUNICATIONS
LD7260
The information in this document is subject to change without notice.
©
1999
For safe use of microwave tubes, refer to NEC document “Safety instructions to all personnel
handling electron tubes” (ET0048EJ
∗V∗UM00)
GENERAL DESCRIPTION
The NEC LD7260 is a PPM-focused traveling wave tube designed for use as final amplifiers in the earth-to-
satellite communications transmitter.
This is capable of delivering an output power of 2.25 kW over the range of 5.85 to 6.425 GHZ and provides a
power gain of 44 dB at rated output power. This is equipped with dual-stage depressed collector for enhancing
overall efficiency.
Furthermore, this is of rugged and reliable design offering long-life service.
FEATURES
™ Lightweight, Compact and Efficient
The tube has dual-depressed collectors and designed to operate at high efficiency across the power output
range. It features state-of-the-art techniques to optimize size and efficiency.
™ Low Distortion
Distortion is a very important factor in multiplex digital signals transmission. NEC has developed techniques
for the correction of non-linear distortion and phase generated in a TWT. As a result, the TWT has an opti-
mum performance across a broad power range and is ideally suited for multi-carrier transmission systems.
™ Rugged Construction
The power gain is designed to be rugged, therefore it is suitable for transportable systems.
™ Long Life and High Stability
The tube employs an advanced impregnated cathode with a low operating temperature for long life.
™ Micro-discharge Free
The tube is carefully designed to be free from microdischarge in the electron gun for long term operation,
therefore it is suitable for digital communication service.


Similar Part No. - LD7260

ManufacturerPart #DatasheetDescription
logo
NEC
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
More results

Similar Description - LD7260

ManufacturerPart #DatasheetDescription
logo
NEC
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
LD7202 NEC-LD7202 Datasheet
98Kb / 8P
14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7237 NEC-LD7237 Datasheet
62Kb / 8P
DBS Band, 400 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7710 NEC-LD7710 Datasheet
124Kb / 4P
14GHz, 40 W CW PPM FOCUSING, MINIMUM SIZE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com