Electronic Components Datasheet Search
  English  ▼

X  

NCT65 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCT65
Description  Remote Trip Point Temperature Sensor with Overtemperature Shutdown
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT65 Datasheet(HTML) 2 Page - ON Semiconductor

  NCT65 Datasheet HTML 1Page - ON Semiconductor NCT65 Datasheet HTML 2Page - ON Semiconductor NCT65 Datasheet HTML 3Page - ON Semiconductor NCT65 Datasheet HTML 4Page - ON Semiconductor NCT65 Datasheet HTML 5Page - ON Semiconductor NCT65 Datasheet HTML 6Page - ON Semiconductor NCT65 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NCT65
http://onsemi.com
2
Figure 1. Functional Block Diagram
GND
D+
D−
2
6
1
3
+
−
T_TRIP = 70C
+
−
5
7
8
4
VDD
THERM1
THERM2
T_TRIP = 85C
REFERENCE
REFERENCE
DIFFERENCE
AMPLIFIER
COMPARATOR
COMPARATOR
LOW
PASS
FILTER
NCT65
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
VDD
Positive Supply Voltage. 2.8 V to 3.6 V.
2
D+
Positive Connection for Remote Temperature Sensor.
3
D−
Negative Connection for Remote Temperature Sensor.
4
THERM2
Active-low Open-drain Over-temperature Output Pin; Needs a Pull-up Resistor.
5
GND
Power Supply Ground.
6
THERM1
Active-low Open-drain Over-temperature Output Pin; Needs a Pull-up Resistor.
7
GND
Power Supply Ground.
8
GND
Power Supply Ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com