Electronic Components Datasheet Search
  English  ▼

X  

NCT65 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCT65
Description  Remote Trip Point Temperature Sensor with Overtemperature Shutdown
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT65 Datasheet(HTML) 3 Page - ON Semiconductor

  NCT65 Datasheet HTML 1Page - ON Semiconductor NCT65 Datasheet HTML 2Page - ON Semiconductor NCT65 Datasheet HTML 3Page - ON Semiconductor NCT65 Datasheet HTML 4Page - ON Semiconductor NCT65 Datasheet HTML 5Page - ON Semiconductor NCT65 Datasheet HTML 6Page - ON Semiconductor NCT65 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NCT65
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS (Note 1)
Parameter
Rating
Unit
Positive Supply Voltage (VDD) to GND
−0.3, +0.3
V
D+
−0.3 to VDD + 0.3
V
D− to GND
−0.3 to +3.6
V
THERM
−0.3 to +3.6
V
Input Current, THERM
−1, +50
mA
Input Current, D−
1
mA
Maximum Junction Temperature
150
C
Storage Temperature Range
−65 to 160
C
ESD Capability, Human Body Model (Note 2)
1,500
V
ESD Capability, Machine Model (Note 2)
150
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
2. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
Table 3. THERMAL CHARACTERISTICS (Note 3)
Rating
Symbol
Value
Unit
Thermal Characteristics, MSOP (Note 4)
Thermal Resistance, Junction-to-Air
RqJA
142
C/W
3. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
4. As measured using a copper heat spreading area of 650 mm2 (or 1 in2), of 1 oz copper thickness.
Table 4. OPERATING RANGES (Note 5)
Rating
Symbol
Min
Max
Unit
Operating Input Voltage
VIN
2.8
3.6
V
Operating Ambient Temperature Range
TA
−40
125
C
5. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
Table 5. ELECTRICAL CHARACTERISTICS
(TA =TMIN to TMAX, VDD = 2.8 V to 3.6 V. All specifications for −40C to +125C, unless otherwise noted.)
Parameter
Test Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Supply Voltage VDD
2.8
3.3
3.6
V
Average Operating Supply Current, IDD
−
−
1.15
mA
Undervoltage Lockout Threshold
−
2.55
−
V
TRIP POINT ACCURACY
Trip Point Accuracy at VDD = 2.8 V to 3.6 V
TA = 0C to +70C
TA = 0C to +85C
−
−
−
−
1
1.5
C
Response Time
Temperature Measurement
to THERM Assertion
−
40
52
ms
OPEN DRAIN OUTPUT (THERM)
Output Low Voltage, VOL
IOL = −6.0 mA
−
−
0.4
V
High Output Leakage Current, IOH
VOUT =VDD
−
0.1
1.0
mA
Hysteresis
The temperature must drop by this
amount below the THERM trippoints
before the pins will de-assert
−
5
−
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com