Electronic Components Datasheet Search
  English  ▼

X  

LD7262 Datasheet(PDF) 4 Page - NEC

Part # LD7262
Description  6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7262 Datasheet(HTML) 4 Page - NEC

  LD7262 Datasheet HTML 1Page - NEC LD7262 Datasheet HTML 2Page - NEC LD7262 Datasheet HTML 3Page - NEC LD7262 Datasheet HTML 4Page - NEC LD7262 Datasheet HTML 5Page - NEC LD7262 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LD7262 SERIES
4
DATA SHEET ET0475EJ1V0DS00
LD7262 series OUTLINE (Unit in mm)
LEAD COLOR
LEAD CONNECTIONS
LENGTH
BROWN
HEATER
500 mmMIN.
YELLOW
HEATER-CATHODE
500 mmMIN.
ORANGE
COLLECTOR-1
500 mmMIN.
BLUE
COLLECTOR-2
500 mmMIN.
GREEN
HELIX (GROUND)
500 mmMIN.
38 NOM.
45.7
± 0.2
55.5 MAX.
6
± 0.5
45
60 NOM.
12.7
55 NOM.
81.25
± 1.0
55.88
± 0.2
96 MAX.
RF OUTPUT
CBR-137 FLANGE WITH
NO.10-32 UNF-2B THREADED HOLES
8- 10
COUNTER BORING
φ
18- 4.2
+0.4
φ
No.6-32 UNC-2B X 7.6 DP
NEAR AND FARSIDE
RF INPUT
TYPE SMA FEMALE
–0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com