Electronic Components Datasheet Search
  English  ▼

X  

LD7262 Datasheet(PDF) 1 Page - NEC

Part # LD7262
Description  6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7262 Datasheet(HTML) 1 Page - NEC

  LD7262 Datasheet HTML 1Page - NEC LD7262 Datasheet HTML 2Page - NEC LD7262 Datasheet HTML 3Page - NEC LD7262 Datasheet HTML 4Page - NEC LD7262 Datasheet HTML 5Page - NEC LD7262 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
Document No. ET0475EJ1V0DS00 (1st edition)
Date Published September 1999 M
Printed in Japan
6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
HIGH POWER TRAVELING WAVE TUBE
FOR COMMUNICATIONS
LD7262 SERIES
The information in this document is subject to change without notice.
©
1999
For safe use of microwave tubes, refer to NEC document “Safety instructions to all personnel
handling electron tubes” (ET0048EJ
∗V∗UM00)
GENERAL DESCRIPTION
The NEC LD7262 series of PPM focused traveling wave tubes are designed for final amplifier in the earth-to-
satellite communication's transmitter.
These are capable of delivering an output power of 750 W over the range of 5.85 to 6.45 GHZ and an output
power of 700 W over the range of 5.85 to 7.1 GHZ With a power gain of more than 45 dB at any power level.
Furthermore, these are rugged and reliable design offering long life services.
FEATURES
™ Lightweight, Compact and Efficient
The tube has dual-depressed collectors and designed to operate at high efficiency across the power output
range. It features state-of-the-art techniques to optimize size and efficiency.
™ Low Distortion
Distortion is a very important factor in multiplex digital signals transmission. NEC has developed techniques
for the correction of non-linear distortion and phase generated in a TWT. As a result, the TWT has an opti-
mum pertormance across a broad power range and is ideally suited for multi-carrier transmission systems.
™ Simple Cooling System
The tube is conduction cooled, so that the cooling system is simplified.
™ Rugged Construction
The power gain is designed to be rugged, therefore it is suitable for transportable systems.
™ Long Life and High Stability
The tube employs an advanced impregnated cathode with a low operating temperature for long life.
™ Micro-discharge Free
The tube is carefully designed to be free from microdischarge in the electron gun for long term operation,
therefore it is suitable for digital communication service.


Similar Part No. - LD7262

ManufacturerPart #DatasheetDescription
logo
NEC
LD7260 NEC-LD7260 Datasheet
62Kb / 6P
6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
More results

Similar Description - LD7262

ManufacturerPart #DatasheetDescription
logo
NEC
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7235 NEC-LD7235 Datasheet
66Kb / 6P
30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7246A NEC-LD7246A Datasheet
44Kb / 4P
14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com