Electronic Components Datasheet Search
  English  ▼

X  

PLB010090P Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PLB010090P
Description  MAGIC LED CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLB010090P Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PLB010090P Datasheet HTML 1Page - List of Unclassifed Manufacturers PLB010090P Datasheet HTML 2Page - List of Unclassifed Manufacturers PLB010090P Datasheet HTML 3Page - List of Unclassifed Manufacturers PLB010090P Datasheet HTML 4Page - List of Unclassifed Manufacturers PLB010090P Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLB010090 Series
| Advanced Product Information
Datasheet 292977 Issue 1
Page 3 of 5
01/05/2014
Intensity Bin Groups
IF = 100mA, Tamb = 25oC, unless otherwise stated
Type PLB010090P/T (Visible blue applications)
Group 1
Luminous Intensity
(min.) Iv [mcd]
Luminous Intensity
(max.) Iv [mcd]
Luminous Flux
(typ.) ΦV [mlm]
A
300
900
1900
B
900
1800
3750
C
1800
3600
7500
Type PLB010090M (Phosphor drive applications)
Group 1
output power
Min.
Max.
units
1
30
50
mW
2
50
70
mW
3
70
100
mW
[1] tolerance ±11%
Dominant Wavelength Groups
IF = 100mA, Tamb = 25oC, unless otherwise stated
Group
Blue
λdominant
(min.)
[nm]
λdominant
(max.)
[nm]
M1
450.0
452.5
M2
452.5
455.0
M3
455.0
457.5
M4
457.5
460.0
P1
460
465
P2
465
470
T1
470
475
T2
475
480
Dominant wavelengths are measured with +/-1.0 nm accuracy



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com