Electronic Components Datasheet Search
  English  ▼

X  

PLB010090P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PLB010090P
Description  MAGIC LED CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLB010090P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PLB010090P Datasheet HTML 1Page - List of Unclassifed Manufacturers PLB010090P Datasheet HTML 2Page - List of Unclassifed Manufacturers PLB010090P Datasheet HTML 3Page - List of Unclassifed Manufacturers PLB010090P Datasheet HTML 4Page - List of Unclassifed Manufacturers PLB010090P Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLB010090 Series
| Advanced Product Information
Datasheet 292977 Issue 1
Page 4 of 5
01/05/2014
Forward Voltage Bin Groups
IF =100mA, Tamb = 25oC, unless otherwise stated
Group
VF min. [1] (V)
VF max. [1] (V)
V1
2.8
2.9
V2
2.9
3.0
V3
3.0
3.1
V4
3.1
3.2
V5
3.2
3.4
V6
3.4
3.6
[1] tolerance ±0.05V
Die Assembly
Top view
(actual colour of bond pad is
aluminium-grey)
Side view
Handling Instructions
Plessey LEDs are not designed to operate with reverse bias.
Precautions are required to prevent reverse bias in applications and during handling.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com