Electronic Components Datasheet Search
  English  ▼

X  

2SCF4242 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SCF4242
Description  Silicon NPN Epitaxial Planar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SCF4242 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SCF4242 Datasheet HTML 2Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 3Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 4Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 5Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 6Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 7Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 8Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 9Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2SC460, 2SC461
6
0
1
3
2
5
4
1.0
0.5
0.2
Collector Current IC (mA)
Noise Figure vs. Collector Current
25
10
VCE = 6 V
Rg = 500 Ω
f = 1.0 MHz
0
4
16
12
8
24
20
1.0
0.5
0.2
0.1
Collector Current IC (mA)
Noise Figure vs. Collector Current
25
10
VCE = 6 V
Rg = 50 Ω
f = 100 MHz
0
2
8
6
4
12
10
100
50
10
20
Signal Source Resistance Rg (Ω)
Noise Figure vs. Signal Source Resistance
200
500 1000
VCE = 6 V
IC = 1 mA
f = 100 MHz
0
100
300
200
500
400
1.0
0.3
0.1
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
310
30
VCE = 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com