Electronic Components Datasheet Search
  English  ▼

X  

2SCF4242 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SCF4242
Description  Silicon NPN Epitaxial Planar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SCF4242 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SCF4242 Datasheet HTML 3Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 4Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 5Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 6Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 7Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 8Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 9Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 10Page - Hitachi Semiconductor 2SCF4242 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2SC460, 2SC461
7
0
100
300
200
400
5
2
1
Collector to Emitter Volgage VCE (V)
Gain Bandwidth Product vs.
Collector to Emitter Voltage
10
20
IC = 1 mA
10
20
200
100
50
500
5
2
1
Collector to Emitter Voltage VCE (V)
Input/Output Admittance vs.
Collector to Emitter Voltage
20
10
50
IC = 1 mA
f = 455 kHz
gie
gie
goe
goe
boe
boe
bie
bie
10
20
200
100
50
500
0.5
0.2
0.1
Collector Current IC (mA)
Input/Output Admittance vs.
Collector Current
2
1.0
5
VCE = 6 V
f = 455 kHz
gie
gie
bie
bie
goe
goe
boe
boe
10
20
200
100
50
500
5
2
1
Collector to Emitter Voltage VCE (V)
Transfer Admittance vs.
Collector to Emitter Voltage
20
10
50
IC = 1 mA
f = 455 kHz
bre
bre
bfe
bfe
gfe
gfe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com