Electronic Components Datasheet Search
  English  ▼

X  

PLB010050 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PLB010050
Description  Single surface top-emitting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLB010050 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PLB010050 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 7Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 8Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PLB010050 Series
| Product Datasheet
Datasheet No 293123 Issue 1
Page 2 of 9
27/06/2014
Absolute Maximum Ratings
Tamb = +25oC unless otherwise stated
Parameter
Symbol
Minimum
Maximum
Unit
DC Forward Current
IF
-
90
mA
Peak Pulse Forward Current[1]
IFP
-
120
mA
Reverse Voltage
VR
-
5
V
Storage Temperature
Tstg
-40
+105
oC
Junction Temperature
Tj
-40
+105
oC
[1] Pulse width ≤10ms, duty cycle ≤10%
Electro-optical Characteristics
Tamb = +25oC unless otherwise stated
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 60mA
2.8
3.1
3.6
V
Reverse Current
IR
VR = 5V
-
-
10
µA
Dominant wavelength
λd
IF = 60mA
450
-
460
nm
460
-
470
470
-
480
Thermal Resistance
Rthj-m[1]
-
11
-
K/W
[1] Junction to mounting face (excluding package)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com