Electronic Components Datasheet Search
  English  ▼

X  

PLB010050 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PLB010050
Description  Single surface top-emitting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLB010050 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PLB010050 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 7Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 8Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PLB010050 Series
| Product Datasheet
Datasheet No 293123 Issue 1
Page 3 of 9
27/06/2014
Ordering Information
Name
Order code
Colour Range
Luminous Intensity
Range
PLB010050M
PLB010050MAJ000
M1, M2, M3 & M4
1B, 2B & 3B
PLB010050P
PLB010050PAJ000
P1, P2
2B, 3B & 4B
PLB010050T
PLB010050TAJ000
T1, T2
3B, 4B & 5B
Intensity Bin Groups
IF = 60mA, Tamb = +25oC, unless otherwise stated
Variant
Group
Luminous
Intensity Iv [1]
(mcd)
Radiant Power Range
(mW) [1]
Min.
Max.
Min.
Max.
PLB010050M
1B
-
-
42
47
2B
-
-
47
52
3B
-
-
52
57
PLB010050P
&
PLB010050T
2B
440
475
-
-
3B
475
600
4B
600
750
-
-
5B
750
1060
-
-
[1] Tolerance ±11% and packaged with a 1 millimeter radius silicone dome lens (R.I. 1.41)
Dominant Wavelength Bin Groups
IF = 60mA, Tamb = +25oC, unless otherwise stated
Group
λd [1] (nm)
Min.
Max.
M1
450
452.5
M2
452.5
455
M3
455
457.5
M4
457.5
460
P1
460
465
P2
465
470
T1
470
475
T2
475
480
[1] Tolerance ±1nm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com