Electronic Components Datasheet Search
  English  ▼

X  

PS20060 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PS20060
Description  MOPLL with IF AGC Amplifier Preliminary Information
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20060 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PS20060 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 11Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 12Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 13Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 14Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 15Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 16Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
PS20060
Data Sheet
Details of the programming registers are shown in the following sections. Default values on power up are also
shown.
Table 3 - Control Registers
MSB
LSB
ACK
7
654
32
10
Address
1
1
0
0
0MA1
MA00
A
Byte 1
Programmable
divider
0
D14
D13
D12
D11
D10
D9
D8
A
Byte 2W
Programmable
divider
D7
D6
D5
D4
D3
D2
D1
D0
A
Byte 3W
Control data
1
C1C0R4
R3R2
R1R0
A
Byte 4W
Control data
BS1
BS0
SL1
SL0
P3
P2
P1
P0
A
Byte 5W
Control Data
LO1
LO0
ATC
IFE
X
AT2
AT1
AT0
A
Byte 6W
Control Data
SAS
X
AGD
ADS
T3
T2
T1
T0
A
Byte 7W
A
Acknowledge bit
MA1, MA0
Address bits
D14-D0
Programmable division ratio control bits
R4-R0
Reference division ratio select
C1, C0
Charge pump current select
BS1-BS0
Band select bits
SL1-SL0
Power down modes
SAS
SAWF drive output select
P3-P0
P3-P0 port output states
ADS
ADC input select
ATC
AGC Decay Current
AGD
AGC Disable
AT2:AT0
AGC Onset threshold Control
LO1:LO0
LO trim control bits
T3-T0
Test mode control bits
IFE
IF AGC amplifier enable
X
Don’t Care
Data Sheet 291359 issue 1
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com