Electronic Components Datasheet Search
  English  ▼

X  

PS20060 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PS20060
Description  MOPLL with IF AGC Amplifier Preliminary Information
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20060 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PS20060 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 11Page - List of Unclassifed Manufacturers PS20060 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
PS20060
Data Sheet
An AGC IF amplifier is included which provides an output signal to a digital demodulator.
The device is controlled through an I2C compatible interface.
1.1 RF Converter
The PS20060 contains three input stages to cover the VHF1, VHF3 and UHF frequency bands. The inputs would
normally be driven by front end amplifiers and tracking filters. All three inputs are differential, however, the VHF1
and VHF3 inputs would normally be driven single ended. These inputs therefore can share a common input
reference pin. The UHF input should be driven with a differential signal. The inputs are all high impedance. The
differential converter IF output is then passed through an external interstage filter. This can be tuned for 36 MHz for
DVB-T applications but can also be used at 44 MHz and 57 MHz to be compatible with other TV standards. The
recommended filter circuit is shown in figure 11. The design of this filter provides an impedance transformation as
well as rejection of adjacent channels. A 0.5 dB Chebychev filter with 10 MHz bandwidth is recommended. This
gives a flat response across the pass band and takes into account normal component tolerances.
1.2 SAW Driver Amplifier
The output of the interstage filter then passes to the SAW filter drive amplifier. This provides further amplification
and interfaces to the SAW filter. Two SAW filter drive outputs are provided for hybrid analog and digital applications.
Both output stages are identical, however, the digital output (SD, SDB) should always be used for digital
applications, as the pin out of the device has been optimized to give the best isolation performance in this
configuration. Output selection is programmable however it should be noted that the unselected output is not
powered off but operates at a lower power level which means that a signal will still be present on the output, but
with reduced output drive capability.
The differential outputs will drive a balanced SAW filter with a tuning inductor to resonate with the SAW filter input
capacitance. The SAW filter can also be driven without the tuning inductor but this requires the addition of 360 ohm
resistors to ground on the SAW driver outputs to increase the output drive capability. This will increase total current
consumption by approximately 14 mA.
1.3 AGC Detector and ADC
The PS20060 contains a broadband AGC detector circuit which provides an output to provide gain control for the RF
frontend gain stages. The detector input signal is derived from the signal level in the SAW driver amplifier. The
composite signal at this point is the wanted signal plus adjacent channels (N +/- 1, N +/- 2, N +/- 3). The AGC
detector threshold point at which the agc output becomes active can be programmed to one of eight levels via the
I2C interface. When the composite level reaches the agc threshold, the agc output pin will be active. The AGC
attack current is fixed, however, the decay current can be programmed to two levels. The agc output can only drive
a high impedance e.g., a dual gate FET. If RF gain control uses a PiN diode then a simple buffer circuit will be
required.
An AGC flag output is also available through the I2C interface. This indicates when the AGC output is active i.e.,
less than 4 volts.
The agc output level can also be monitored by an on chip 3 bit ADC. Although the ADC is 3 bits, only 5 levels are
available. Alternatively the ADC can be programmed to measure the voltage on an external pin (ADC Pin 4).
1.4 IF AGC Amplifier
The AGC amplifier amplifies the output of the SAW filter for the digital channel and provides a differential output to
the demodulator. The analog gain control signal is normally derived from the demodulator. At least 41 dB of gain
control is provided.
The AGC amplifier can be powered down independently of the rest of the device if not required. This mode could be
used in analog applications to reduce overall power consumption.
Data Sheet 291359 issue 1
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com