Electronic Components Datasheet Search
  English  ▼

X  

PS20355 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PS20355
Description  Nordig Unified DVB-T COFDM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20355 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PS20355 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 11Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 12Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 13Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 14Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 15Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 16Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PS20355
3
Interfaces
3.1
2-Wire Bus
3.1.1
Host
The primary 2-wire bus serial interface uses pins:
•
DATA1 (pin5) serial data, the most significant bit is sent first.
•
CLK1 (pin 4) serial clock.
The 2-wire bus address is determined by a combination of internal settings and applying Vdd or Gnd to the
SADD[4:0] pins:
Table 3 - 2-wire bus address
Address bits
ADDR[7]
ADDR[6]
ADDR[5]
ADDR[4]
ADDR[3]
ADDR[2]
ADDR[1]
Internal/external settings
Gnd
Gnd
SADD[4]
SADD[3]
SADD[2]
SADD[1]
SADD[0]
Normal TNIM settings
Gnd
Gnd
Gnd
Vdd
Vdd
Vdd
Vdd
When the PS20355 is powered up, the RESET pin 9 should be held low for at least 50 ms after Vdd has reached
normal operation levels. As the RESET pin goes high, the logic levels on SADD[4:0] are latched as the 2-wire bus
address. ADDR[0] is the R/W bit.
The circuit works as a slave transmitter with the lsb set high or as a slave receiver with the lsb set low. In receive
mode, the first data byte is written to the RADD virtual register, which forms the register sub-address. The RADD
register takes an 8-bit value that determines which of 256 possible register addresses is written to by the following
byte. Not all addresses are valid and many are reserved registers that must not be changed from their default
values. Multiple byte reads or writes will auto-increment the value in RADD, but care should be taken not to access
the reserved registers accidentally.
Following a valid chip address, the 2-wire bus STOP command resets the RADD register to 00. If the chip address
is not recognized, the PS20355 will ignore all activity until a valid chip address is received. The 2-wire bus START
command does NOT reset the RADD register to 00. This allows a combined 2-wire bus message, to point to a
particular read register with a write command, followed immediately with a read data command. If required, this
could next be followed with a write command to continue from the latest address. RADD would not be sent in this
case. Finally, a STOP command should be sent to free the bus.
When the 2 -wire bus is addressed (after a recognized STOP command) with the read bit set, the first byte read out
is the contents of register 00.
3.1.2
Tuner
The PS20355 has a General Purpose Port that can be configured to provide a secondary 2-wire bus.
Master control mode is selected by setting register SCAN_CTL (0x62) [b3] = 1.
The allocation of the pins is: GPP0 pin 35 = CLK2
*
, GPP1 pin 36 = DATA2.
*. Please note that in this configuration, this pin is an output only and therefore does not allow a clock-hold function in the slave device.
PLESSEY SEMICONDUCTORS LTD
TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com