Electronic Components Datasheet Search
  English  ▼

X  

PS20355 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS20355
Description  Nordig Unified DVB-T COFDM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20355 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS20355 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS20355 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
PS20355
Nordig Unified DVB-T COFDM
Terrestrial Demodulator for
PC-TV and hand-held Digital TV (DTV)
Data Sheet
Features
•
Compliant with ETSI 300 744 DVB-T, Nordig-Unified
1.0.2 and DTG performance specifications.
•
High performance with fast fully blind acquisition and
tracking capability.
•
Low power consumption: less than 0.32 W, and eco-
friendly standby and sleep modes.
•
Digital filtering of adjacent channels.
•
Single 8 MHz SAW filter for 6, 7 & 8 MHz OFDM.
•
Superior single frequency network performance.
•
Fast AGC to track out signal fades.
•
Good Doppler tracking capability.
•
Enhanced frequency capture range to include
triple offsets.
•
External 4 MHz clock or single low-cost 20.48
MHz crystal, tolerance up to +/-200 ppm.
Datasheet 292102 issue 1
Ordering Information
PS20355C1L1A5
64 Pin LQFP*
Trays
PS20355C1L1AT
64 Pin LQFP*
Tape and Reel
* Pb Free Matte Tin (RoHS compliant)
Working temperature range: -40°C to +85°C
A high performance 10 bit on-chip ADC is used to sample the
44 or 36 MHz IF analog signal. Advanced digital filtering of the
upper and lower channel enables a single 8 MHz channel SAW
filter to be used for 6, 7 and 8 MHz OFDM signal reception. All
sampling and other internal clocks are derived from a single
20.48 MHz crystal or a 4 MHz clock input, the tolerance of
which may be relaxed as much as 200 ppm.
•
Automatic mode (2 K/8 K), guard and spectral
inversion detection.
•
Very low driver software overhead due to on-chip
state-machine control.
•
Novel RF level detect facility via a separate ADC.
•
Pre and post Viterbi-decoder bit error rates, and
uncorrectable block count.
Applications
•
Digital terrestrial set-top boxes
•
Integrated digital televisions
•
Personal video recorders
•
PC-TV receivers
•
Portable applications
Description
The PS20355 is a superior fourth generation fully
compliant ETSI ETS300 744 COFDM demodulator that
exceeds, with margin, the performance requirements of
all known DVB-T digital terrestrial television standards,
including Unified Nordig and DTG.
The PS20355 has a wide frequency capture range able to
automatically
compensate
for
the
combined
offset
introduced by the tuner xtal and broadcaster triple
frequency offsets.
An on-chip state machine controls all acquisition and
tracking operations of the PS20355 as well as controlling the
tuner via a 2-wire bus. Any frequency range can be
automatically
scanned
for
digital
TV
channels.
This
mechanism ensures minimal interaction, maximum flexibility
and fast acquisition - very low software overhead.
Also included in the design is a 7-bit ADC to detect the
RF signal strength and thereby efficiently control the
tuner RF AGC.
Users have access to all the relevant signal quality
information, including input signal power level, signal-to-
noise ratio, pre-Viterbi BER, post-Viterbi BER, and the
uncorrectable block counts. The error rate monitoring
periods are programmable over a wide range.
The device is packaged in a 7 x 7 mm 64-pin LQFP and
is very low power.
Figure 1 - Block Diagram
PLESSEY SEMICONDUCTORS LTD
TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
1


Similar Part No. - PS20355

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS20351-G POWEREX-PS20351-G Datasheet
95Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module 3 Amperes/500 Volts
logo
Mitsubishi Electric Sem...
PS20351-GP MITSUBISHI-PS20351-GP Datasheet
195Kb / 2P
Generation DIP and Mini-DIP-IPM
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
TRANSFER-MOLD TYPE INSULATED TYPE
PS20351-NP MITSUBISHI-PS20351-NP Datasheet
195Kb / 2P
Generation DIP and Mini-DIP-IPM
logo
List of Unclassifed Man...
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
Nordig Unified DVB-T COFDM Terrestrial Demodulator
More results

Similar Description - PS20355

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
DVB-T channel receiver
2001 Nov 08
logo
Zarlink Semiconductor I...
ZL10353 ZARLINK-ZL10353 Datasheet
451Kb / 25P
Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10355 ZARLINK-ZL10355 Datasheet
456Kb / 26P
Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV(DTV)
ZL10354 ZARLINK-ZL10354 Datasheet
578Kb / 34P
Diversity Enabled Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
logo
Intel Corporation
CE6353 INTEL-CE6353 Datasheet
478Kb / 26P
Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
DVB-T Demodulator
logo
List of Unclassifed Man...
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
Nordig Unified DVB-T COFDM Terrestrial Demodulator
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com