Electronic Components Datasheet Search
  English  ▼

X  

9007 Datasheet(PDF) 2 Page - Coto Technology

Part # 9007
Description  9007 SERIES/SPARTAN SIP REED RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9007 Datasheet(HTML) 2 Page - Coto Technology

  9007 Datasheet HTML 1Page - Coto Technology 9007 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODELNUMBER
90072
Parameters
Test Conditions
Units
.2 -.2 -.2
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
24
Max. Coil Voltage
VDC
6.5
15.0
32.0
Coil Resistance
+/- 10%, 25° C
Ω
500
1000
2000
Coil Resistance (hi-sensitivity)
Ω
1000
2000
----
Operate Voltage
Must Operate by
VDC - Max.
3.75
9.0
18.0
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
2.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
Carry Current
Max DC/Peak AC Resist.
Amps
1.0
Contact Rating
Max DC/Peak AC Resist.
Watts
10
Life Expectancy-Typical1
Signal Level 1.0V, 10mA
x 106 Ops.
100
Static Contact
Resistance (max. init.)
50mV, 10mA
Ω
0.200
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
Ω
N/A
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
1010
Capacitance - Typical
Across Open Contacts
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
0.7
-
-
Open Contact to Coil
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
1.4
-
-
Contact to Shield
Contacts Open, Shield Floating
pF
-
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
250
-
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.50
Release Time - Typical
msec.
0.20
Notes:
1
Consult factory for life expectancy at other switching loads .
2
Optional diode is connected to pin #2(+) and pin #3(-). Correct coil polarity must
be observed .
Environmental Ratings:
Storage Temp: -35°C to +100°C; Operating Temp: -20°C to +85°C; Solder Temp: 270°C max; 10 sec . max
All electrical parameters measured at 25°C unless otherwise specified .
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Grid = .1”x.1” (2.54mm x 2.54mm)
1
2
3
4
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
page | 35



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com