Electronic Components Datasheet Search
  English  ▼

X  

9007 Datasheet(PDF) 1 Page - Coto Technology

Part # 9007
Description  9007 SERIES/SPARTAN SIP REED RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9007 Datasheet(HTML) 1 Page - Coto Technology

  9007 Datasheet HTML 1Page - Coto Technology 9007 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
in Inches (Millimeters)
9007 Series Economy SIP Reed Relays
The SIP relay is the industry choice for a wide variety of designs where economy,
performance and a compact package are needed. The 9007 Spartan Series is a general
purpose economy version of the 9001 for applications with less stringent requirements.
These relays are well suited for applications in Security, Instrumentation and Modems.
The specification tables allow you to select the appropriate relay for your application.
9007 Series Features
u
Hermetically sealed contacts for long life
u
High dielectric strength available, consult factory
u
High speed switching compared to electromechanical relays
u
Molded thermoset body on integral lead frame design
u
Optional Coil Suppression Diode - protects coil drive circuits
u
UL File #E67117, CSA File #028537 - Contact factory for details
u
RoHS compliant
9007 SERIES/SPARTAN SIP REED RELAYS
Ordering Information
Part Number
9007-XX-XX
Model Number
9007
Coil Voltage
05=5 volts 12=12 volts
24 = 24 volts
General Options
0=No Diode
1=Diode2
Magnetic Shield Option
0= No Shield
1= Shield (External)
4= High-Sensitivity Coil w/Mag. Shield (5V & 12V only)
5 =High-Sensitivity Coil w/o Mag. Shield (12V only)
.012
(0.30)
LEAD DETAIL
(TYP.)
.020
(0.51)
Model 9007 Alternate Package
Model 9007
tel: (401) 943.2686
|
fax: (401) 942.0920
34 | page


Similar Part No. - 9007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9007 ETC1-9007 Datasheet
178Kb / 3P
NAND GATES/HEX INVERTERS
9007-05-00 ETC-9007-05-00 Datasheet
68Kb / 2P
Spartan SIP Reed Relays
logo
Coto Technology
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
Spartan SIP Reed Relays
logo
List of Unclassifed Man...
9007-05-01 ETC-9007-05-01 Datasheet
68Kb / 2P
Spartan SIP Reed Relays
logo
Coto Technology
9007-05-01 COTO-9007-05-01 Datasheet
315Kb / 2P
Spartan SIP Reed Relays
More results

Similar Description - 9007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
SIP SERIES REED RELAYS
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
SIP, DIP REED RELAYS
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
Spartan SIP Reed Relays
8L00 ETC-8L00 Datasheet
104Kb / 2P
Spartan DIP Reed Relays
logo
Coto Technology
8L01-05-001 COTO-8L01-05-001 Datasheet
330Kb / 2P
Spartan DIP Reed Relays
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
Molded SIP Reed Relays
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
Spartan SIP Reed Relays
logo
RHOPOINT COMPONENTS
8L01 RHOPOINT-8L01 Datasheet
57Kb / 2P
Spartan DIP Reed Relays
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
Molded SIP Reed Relays
logo
Coto Technology
8L01 COTO-8L01 Datasheet
1Mb / 2P
8L SERIES/SPARTAN DIP REED RELAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com