Electronic Components Datasheet Search
  English  ▼

X  

B41 Datasheet(PDF) 2 Page - Coto Technology

Part # B41
Description  B41 4-Channel RF Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

B41 Datasheet(HTML) 2 Page - Coto Technology

  B41 Datasheet HTML 1Page - Coto Technology B41 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
B41 4-Channel RF Relays
NOTES:
1All parameters specified per EIA/NARM
standards for dry reed relays, # RS-421 and
RS-436, if a suitable parametric standard exists.
2Unless otherwise noted, all parameters are
specified at 25°C and 40% RH.
3Life expectancies based on characteristic life
(63.2% failure) calculated from the 2-parameter
Weibull distribution. Contact resistance >2.0
Ω
defines end of life.
4Frequency at which the difference between output
and input signal amplitude exceeds -3dB.
5Maximum increase in operate voltage for any
channel when all channel coils are driven at
nominal coil voltage and with the same drive
polarity.
ENVIRONMENTAL RATINGS:
Storage Temperature: -35°C to +100°C.
Operating Temperature: -20°C to +85°C.
Vibration: sinusoidal vibration with an amplitude of
10G over a 10Hz to 2000Hz frequency range shall
neither cause a closed channel activated at the nomi-
nal coil voltage to open, nor an open channel to close.
Max Soldering Temperature: 438°F(226°C) for 1
minute dwell time. Temperature measured at a relay
ball termination.
Moisture sensitive component. Handle as
J-STD-020B level 5a.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com