Electronic Components Datasheet Search
  English  ▼

X  

B41 Datasheet(PDF) 1 Page - Coto Technology

Part # B41
Description  B41 4-Channel RF Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

B41 Datasheet(HTML) 1 Page - Coto Technology

  B41 Datasheet HTML 1Page - Coto Technology B41 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
Series Features
Applications
Planar BGA Surface Mount
IC Testers
Ability to pass GHz signals
In-Line Relay Testers
Rise time < 45
ρSec
Memory Testers
~
50
Ω Characteristic Impedance
Mixed Signal Testers
Low Capacitance
High Bandpass Applications
Patented Design1
B41 4-Channel RF Relays
Ball Grid Array 4-Channel Relays
The B41 is four independent form A channels in one planar quad
package. Coto’s Ball Grid Array (BGA) construction offers a break-
through in reed relay performance. This patented technology1 allows
for shorter RF paths in a controlled 50
Ω environment to minimize
signal attentuation. The designer is now able to switch or pass signals
with wider bandwidth and faster rise time than alternative technologies.
This is particularly important in Mixed Signal IC testers. This four-in-
one BGA packaging allows relays to be integrated easily on boards
designed for surface mount processing.
Notes:
1 Protected by one or more of the following
US Patents: 6025768, 6052045, 6294971,
6683518, RE38381 and other foreign patents.
Top View
Ball Pattern
Top View
Schematic
Top View
B41 RECEIVER BOARD PAD LAYOUT
* Dimensions shown are before soldering.
Dimensions in Inches (mm)
METRIC DIMENSIONS GOVERN
General Dimensional Tolerance:
±
.006 ( 0.15)
*


Similar Part No. - B41

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
B41 592-A3108-T SIEMENS-B41 592-A3108-T Datasheet
356Kb / 8P
Capacitors with Soldering Star 125 °C
B41 592-A3228-T SIEMENS-B41 592-A3228-T Datasheet
356Kb / 8P
Capacitors with Soldering Star 125 °C
B41 592-A3477-T SIEMENS-B41 592-A3477-T Datasheet
356Kb / 8P
Capacitors with Soldering Star 125 °C
B41 592-A3478-T SIEMENS-B41 592-A3478-T Datasheet
356Kb / 8P
Capacitors with Soldering Star 125 °C
B41 592-A4108-T SIEMENS-B41 592-A4108-T Datasheet
356Kb / 8P
Capacitors with Soldering Star 125 °C
More results

Similar Description - B41

ManufacturerPart #DatasheetDescription
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
RF Relays
B40 COTO-B40 Datasheet
96Kb / 2P
4-Channel RF Relays
B41-0002 COTO-B41-0002 Datasheet
357Kb / 2P
4-Channel RF Relays
logo
Tyco Electronics
HF3 MACOM-HF3 Datasheet
1Mb / 12P
Signal and RF Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
RF Relays
B40 RHOPOINT-B40 Datasheet
130Kb / 2P
4-Channel RF Relays
logo
Tyco Electronics
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
RF Signal Relays
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
RF Signal Relays
logo
Teledyne Technologies I...
RF180-5 TELEDYNE-RF180-5 Datasheet
235Kb / 6P
MAGNETIC-LATCHING, BROADBAND RF RELAYS DPDT
logo
WALSIN TECHNOLOGY CORPO...
RFLPF16082G5WM0T29 WALSIN-RFLPF16082G5WM0T29 Datasheet
574Kb / 7P
LTE B40/B41 Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com