Electronic Components Datasheet Search
  English  ▼

X  

CT05 Datasheet(PDF) 2 Page - Coto Technology

Part # CT05
Description  CT05 SERIES MOLDED SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CT05 Datasheet(HTML) 2 Page - Coto Technology

  CT05 Datasheet HTML 1Page - Coto Technology CT05 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
A complete part number is represented by the digits to the right of the
CT05 series prefix followed by a suffix as shown below.
EXAMPLE: CT05-3050-G1 is
u
a CT05 sensor (5mm encapsulated switch)
u
with a sensitivity range from 30 to 50AT
u
lead ends are formed according to the G1 version
u
CT05-XXXX (0001-1999) without a suffix is a customer special.
DIMENSIONS
max Inches (Millimeters)
CT05-XXXX-G1
CT05-XXXX-J1
CT05-XXXX-YY
Series
CT05
Lead Configuration Subset:
G1 for Gull Wing Version
J1 for J-Lead Version
Std. AT Ranges (measured after mold & lead form)
15-35; 30-50
.252 (6.40)
95∞±5∞
.039
(1.00)
.091 (2.31)
.003 (0.08)
.091 (2.31)
.184 (4.67)
.376 (9.55)
.045 (1.14)
LEADS BELOW PACKAGE
.252 (6.40)
.091 (2.31)
.003 (0.08)
.091 (2.31)
.184 (4.67)
.298 (7.57)
.045 (1.14)
LEADS
BELOW
PACKAGE
.242 (6.15)
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
page | 95



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com