Electronic Components Datasheet Search
  English  ▼

X  

CT05 Datasheet(PDF) 1 Page - Coto Technology

Part # CT05
Description  CT05 SERIES MOLDED SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CT05 Datasheet(HTML) 1 Page - Coto Technology

  CT05 Datasheet HTML 1Page - Coto Technology CT05 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CT05 Series
The CT05 is a molded dry reed switch. It is single-pole, single throw (SPST) type,
having normally open ruthenium contacts.
The sensor is a double-ended type and may be actuated with an electromagnet, a per-
manent magnet or a combination of both.
The device is designed for SMD mounting and is available in Gull Wing or J-lead
configurations.
CT05 Series Features
u
Ideal for SMD pick and place
u
Tape and reel packaging
u
5W rating
u
Rugged encapsulation
u
Excellent life and reliability
u
RoHS compliant
u
Proximity Sensing
u
Medical Applications
u
Hearing Aids
u
Pulse Counter
APPLICATIONS
MODEL NUMBER
CT05-XXXX-G1
CT05-XXXX-J1
Parameters
Units
OPERATING CHARACTERISTICS
Operate Range
AT
15-50
15-50
Release Range
AT
5-45
5-45
ELECTRICAL CHARACTERISTICS
Switched Power (max)
W
5
5
Switched Voltage DC (max)
V
140
140
Switched Voltage AC, RMS value (max)
V
100
100
Switched Current DC (max)
mA
350
350
Switched Current AC, RMS value (max)
mA
250
250
Carry Current DC (max)
A
0.5
0.5
Breakdown Voltage (min)
V
230
230
Contact Resistance (initial max)
mΩ
160
160
Contact Resistance (initial typ.)
mΩ
140
140
Insulation Resistance (min)
MΩ
106
106
ENVIRONMENTAL RATINGS
Storage Temperature
ºC
-40 to + 125
-40 to + 125
Operating Temperature
ºC
-40 to + 125
-40 to + 125
Vibration Temperature
G
10
10
Shock Resistance
G
100
100
CT05 SERIES MOLDED SWITCH
u
AT values measured using a Philips 10JK coil .
u
Surface mount component processing temperature: 500°F(260°C) max for 1 minute dwell time .
u
Temperature measured on leads where lead exits molded package .
NOTES
tel: (401) 943.2686
|
fax: (401) 942.0920
94 | page


Similar Part No. - CT05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT05 ETC1-CT05 Datasheet
80Kb / 2P
Series Molded Switch
logo
ice Components, Ins.
CT05 ICE-CT05 Datasheet
401Kb / 1P
Current Sense Transformer
logo
Allied Components Inter...
CT05 ALLIED-CT05 Datasheet
1Mb / 1P
Ceramic Core Low Profile Chip Inductors
logo
ice Components, Ins.
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
Current Sense Transformer
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
Current Sense Transformer
More results

Similar Description - CT05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT05 ETC1-CT05 Datasheet
80Kb / 2P
Series Molded Switch
logo
Coto Technology
CT05-1530-G1 COTO-CT05-1530-G1 Datasheet
181Kb / 2P
Molded Switch
CT10-103-G1 COTO-CT10-103-G1 Datasheet
198Kb / 2P
Molded Switch
CT10-1532-G2 COTO-CT10-1532-G2_15 Datasheet
738Kb / 2P
ENCAPSULATED MOLDED SWITCH
logo
Schneider Electric
JGL36000S25LU SCHNEIDER-JGL36000S25LU Datasheet
134Kb / 2P
AUTOMATIC MOLDED CASE SWITCH 600V 250A
Sep 17, 2020
JGM36000S25 SCHNEIDER-JGM36000S25 Datasheet
133Kb / 2P
AUTOMATIC MOLDED CASE SWITCH 600V 250A
Sep 17, 2020
LLM36000S40X SCHNEIDER-LLM36000S40X Datasheet
137Kb / 2P
AUTOMATIC MOLDED CASE SWITCH 600V 400A
Sep 23, 2020
PJF36000S10 SCHNEIDER-PJF36000S10 Datasheet
125Kb / 2P
AUTOMATIC MOLDED CASE SWITCH 600V 1000A
Oct 26, 2020
PJL36000S12SA SCHNEIDER-PJL36000S12SA Datasheet
131Kb / 2P
AUTOMATIC MOLDED CASE SWITCH 600V 1200A
Oct 26, 2020
PJL36000S80 SCHNEIDER-PJL36000S80 Datasheet
99Kb / 2P
AUTOMATIC MOLDED CASE SWITCH 600V 800A
Oct 26, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com