Electronic Components Datasheet Search
  English  ▼

X  

SIE812DF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIE812DF
Description  N-Channel 40-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE812DF Datasheet(HTML) 1 Page - Vishay Siliconix

  SIE812DF Datasheet HTML 1Page - Vishay Siliconix SIE812DF Datasheet HTML 2Page - Vishay Siliconix SIE812DF Datasheet HTML 3Page - Vishay Siliconix SIE812DF Datasheet HTML 4Page - Vishay Siliconix SIE812DF Datasheet HTML 5Page - Vishay Siliconix SIE812DF Datasheet HTML 6Page - Vishay Siliconix SIE812DF Datasheet HTML 7Page - Vishay Siliconix SIE812DF Datasheet HTML 8Page - Vishay Siliconix SIE812DF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
SiE812DF
Document Number: 74337
S09-1337-Rev. B, 13-Jul-09
www.vishay.com
1
N-Channel 40-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Gen II Power MOSFET
•
Ultra Low Thermal Resistance Using Top-
Exposed PolarPAK® Package for Double-Sided
Cooling
•
Leadframe-Based New Encapsulated Package
- Die Not Exposed
- Same Layout Regardless of Die Size
•
Low Qgd/Qgs Ratio Helps Prevent Shoot-Through
•
100 % Rg and UIS Tested
•
Compliant to RoHS directive 2002/95/EC
APPLICATIONS
•VRM
•
DC/DC Conversion: Low-Side
•
Synchronous Rectification
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
e
ID (A)
a
Qg (Typ.)
Silicon
Limit
Package
Limit
40
0.0026 at VGS = 10 V
163
60
52 nC
0.0034 at VGS = 4.5 V
143
60
Package Drawing
www.vishay.com/doc?72945
Top View
Bottom View
Top surface is connected to pins 1, 5, 6, and 10
PolarPAK
10
D
S
S
G
D
D
S
S
G
D
1
43
2
5
67
8
9
D
DS
G
D
5
4
3
2
1
6
7
8
9
10
Ordering Information: SiE812DF
-T1-E3 (Lead (Pb)-free)
SiE812DF-T1-GE3 (Lead (Pb)-free and Halogen-free)
For Related Documents
www.vishay.com/ppg?74337
N-Channel MOSFET
G
D
S
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile (
www.vishay.com/doc?73257). The PolarPAK is a leadless package. The end of the lead terminal is exposed copper (not
plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
163 (Silicon Limit)
A
60a (Package Limit)
TC = 70 °C
60a
TA = 25 °C
33b, c
TA = 70 °C
27b, c
Pulsed Drain Current
IDM
100
Continuous Source-Drain Diode Current
TC = 25 °C
IS
60a
TA = 25 °C
4.3b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
50
Avalanche Energy
EAS
125
mJ
Maximum Power Dissipation
TC = 25 °C
PD
125
W
TC = 70 °C
80
TA = 25 °C
5.2b, c
TA = 70 °C
3.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260


Similar Part No. - SIE812DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIE812DF VISHAY-SIE812DF Datasheet
245Kb / 3P
N-Channel 40-V (D-S) MOSFET
16-Oct-06
SIE812DF VISHAY-SIE812DF Datasheet
194Kb / 10P
N-Channel 40-V (D-S) MOSFET
13-Jul-09
SIE812DF VISHAY-SIE812DF_V01 Datasheet
196Kb / 10P
N-Channel 40-V (D-S) MOSFET
13-Jul-09
SIE812DF VISHAY-SIE812DF_V02 Datasheet
194Kb / 10P
N-Channel 40-V (D-S) MOSFET
13-Jul-09
More results

Similar Description - SIE812DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
N-Channel 40-V (D-S) MOSFET
18-Aug-03
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
N-Channel 40-V (D-S) MOSFET
01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
N-Channel 40-V (D-S) MOSFET
02-Mar-09
SI4840BDY VISHAY-SI4840BDY Datasheet
240Kb / 10P
N-Channel 40-V (D-S) MOSFET
06-Apr-09
logo
Analog Power
AM3940NE ANALOGPOWER-AM3940NE Datasheet
183Kb / 3P
N-Channel 40-V (D-S) MOSFET
AM70N04-06D ANALOGPOWER-AM70N04-06D Datasheet
352Kb / 5P
N-Channel 40-V (D-S) MOSFET
AM90N04-03P ANALOGPOWER-AM90N04-03P Datasheet
335Kb / 5P
N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7884BDP-T1-E3 VISHAY-SI7884BDP-T1-E3 Datasheet
164Kb / 9P
N-Channel 40-V (D-S) MOSFET
08-Sep-08
SI2318CDS-T1-GE3 VISHAY-SI2318CDS-T1-GE3 Datasheet
239Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com